Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS3820 Datasheet (PDF) - Texas Instruments

TPS3820 Datasheet PDF - Texas Instruments
Part # TPS3820
Download  TPS3820 Download
File Size   986.85 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS382x-xx-Q1 Voltage Monitor With Watchdog Timer

TPS3820 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3820 Datasheet PDF - Texas Instruments

Part # TPS3820
Download  TPS3820 Click to download

File Size   986.85 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS382x-xx-Q1 Voltage Monitor With Watchdog Timer

TPS3820 Datasheet (HTML) - Texas Instruments


TPS3820 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 Qualified With the Following Results:
– Device temperature grade 1: –40°C to 125°C
– Device HBM ESD classification level 2
– Device CDM ESD classification level C4B
• ESD protection exceeds 2000V Per MIL-STD-883,
Method 3015; using human body model (C =
100pF, R = 1500Ω)
• Power-on reset generator with fixed delay
time of 200ms (TPS3823/4/5/8-xx-Q1) or 25ms
(TPS3820-xx-Q1)
• Manual reset input (TPS3820/3/5/8-xx-Q1)
• Reset output available in active-low
(TPS3820/3/4/5-xx-Q1), Active-High (TPS3824/5-
xx-Q1), and open drain (TPS3828-xx-Q1)
• Supply voltage supervision range:
2.5V, 3V, 3.3V, 5V
• Watchdog timer (TPS3820/3/4/8-xx-Q1)
• Supply current of 15μA (typical)
• 5-Pin SOT-23 package
• Temperature range: −40°C to 125°C

2 Applications
• Automotive DSPs, microcontrollers, or
microprocessors
• Industrial equipment
• Programmable controls
• Automotive systems
• Portable and battery-powered equipment
• Intelligent instruments
• Wireless communications systems

3 Description
For all new designs with TPS3820-xx-Q1, use the
TPS3820-xxQPDBVRQ1 part number. The TPS3820-
xxQP is functionally equivalent and a replacement to
the TPS3820xxQ. The TPS3820-xxQDBVRQ1 is not
recommended for new designs (NRND).
The TPS382x-xx-Q1 family of supervisors provide
circuit initialization and timing supervision, primarily
for DSP and processor-based systems. During power
on, RESET asserts when the supply voltage VDD
becomes greater than 1.1V. Thereafter, the supply
voltage supervisor monitors VDD and keeps RESET
active low as long as VDD remains below the
threshold voltage, VIT−. An internal timer delays the
return of the output to the inactive state (high) to
verify a proper system reset. The delay time, td, starts
after VDD has risen above the threshold voltage VIT−.
When the supply voltage drops below the threshold
voltage VIT−, the output becomes active (low) again.
No external components are required. All the devices
of this family have a fixed-sense threshold voltage,
VIT–, set by an internal voltage divider. The TPS382xxx-
Q1 family also offers watchdog time out options of
200ms (TPS3820-xx-Q1) and 1.6s (TPS3823/4/8-xx-
Q1).




Similar Part No. - TPS3820

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3820 TI-TPS3820 Datasheet
217Kb / 14P
PROCESSOR SUPERVISORY CIRCUITS
TPS3820 TI1-TPS3820 Datasheet
937Kb / 29P
Voltage Monitor With Watchdog Timer
TPS3820 TI1-TPS3820 Datasheet
937Kb / 29P
Voltage Monitor With Watchdog Timer
TPS3820 TI1-TPS3820 Datasheet
1Mb / 27P
Voltage Monitor With Watchdog Timer
TPS3820 TI2-TPS3820 Datasheet
1Mb / 34P
TPS382x Voltage Monitor With Watchdog Timer
REVISED MARCH 2025
More results


Similar Description - TPS3820

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
Voltage Detector with Watchdog Timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
Voltage Detector with Watchdog Timer
logo
Integrated Device Techn...
ICS9WDV3501B IDT-ICS9WDV3501B Datasheet
106Kb / 9P
VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
logo
Texas Instruments
TPS3820-33-Q1 TI1-TPS3820-33-Q1_15 Datasheet
1Mb / 24P
Voltage Monitor With Watchdog Timer
TPS3820 TI1-TPS3820 Datasheet
937Kb / 29P
Voltage Monitor With Watchdog Timer
TPS3820 TI1-TPS3820_16 Datasheet
937Kb / 29P
Voltage Monitor With Watchdog Timer
TPS3820-33-Q1 TI1-TPS3820-33-Q1_18 Datasheet
1Mb / 27P
Voltage Monitor With Watchdog Timer
logo
Renesas Technology Corp
ICS9WDV3501B RENESAS-ICS9WDV3501B Datasheet
249Kb / 10P
VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
05/30/08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com