Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS40222DRPR Datasheet (PDF) - Texas Instruments

TPS40222DRPR Datasheet PDF - Texas Instruments
Part # TPS40222DRPR
Download  TPS40222DRPR Download
File Size   593.42 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1.6-A, 1.25-MHz BUCK CONVERTER IN A 3 mm ´ 3 mm SON PACKAGE

TPS40222DRPR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS40222DRPR Datasheet PDF - Texas Instruments

Part # TPS40222DRPR
Download  TPS40222DRPR Click to download

File Size   593.42 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1.6-A, 1.25-MHz BUCK CONVERTER IN A 3 mm ´ 3 mm SON PACKAGE

TPS40222DRPR Datasheet (HTML) - Texas Instruments


TPS40222DRPR Product details

FEATURES
· Input Voltage Range 4.5 VDC to 8 VDC
· Output Voltage (0.8 V to 90% VIN)
· 0 A to 1.6 A Current Capability
· Fixed 1.25-MHz Switching Frequency
· Reference 0.8 V ±1%
· Internal 250 mW N-Channel MOSFET Switch
· Current Mode Control with Internal Slope
Compensation
· Internal Soft-Start
· Internal Loop Compensation
· Short Circuit Protection
· Thermal Shutdown
· High Efficiency Up to 92%
· Small 3 mm ´ 3 mm SON Package

APPLICATIONS
· Disk Drives
· Set Top Box
· Point of Load Power
· ASIC Power Supplies

DESCRIPTION
The TPS40222 is a fixed-frequency, current-mode,
non-synchronous buck converter optimized for
applications powered by a 5-V distributed source.
With internally determined operating frequency,
soft-start time, and control loop compensation, the
TPS40222 provides many features with a minimum of
external components.
The TPS40222 operates at 1.25 MHz and supports
up to 1.6-A output loads. The output voltage can be
programmed to as low as 0.8 V. The TPS40222
utilizes pulse-by-pulse current limit as well as
frequency foldback to protect the converter during a
catastrophic short circuited output condition.




Similar Part No. - TPS40222DRPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40222DRPR TI-TPS40222DRPR Datasheet
700Kb / 26P
1.6-A, 1.25-MHz BUCK CONVERTER IN A 3 mm 3 mm SON PACKAGE
TPS40222DRPRG4 TI-TPS40222DRPRG4 Datasheet
700Kb / 26P
1.6-A, 1.25-MHz BUCK CONVERTER IN A 3 mm 3 mm SON PACKAGE
More results


Similar Description - TPS40222DRPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40222 TI-TPS40222 Datasheet
700Kb / 26P
1.6-A, 1.25-MHz BUCK CONVERTER IN A 3 mm 3 mm SON PACKAGE
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS40222 TI-TPS40222_15 Datasheet
942Kb / 28P
1.6-A, 1.25-MHz BUCK CONVERTER IN A 3 mm 쨈 3 mm SON PACKAGE
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TPS62060 TI1-TPS62060_16 Datasheet
1Mb / 26P
TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
TPS62065-Q1 TI1-TPS62065-Q1 Datasheet
1Mb / 29P
TPS6206x-Q1 3-MHz 2-A Step-Down Converter in 2 SON Package
TLV62585 TI1-TLV62585 Datasheet
735Kb / 19P
3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
TLV62585 TI1-TLV62585_18 Datasheet
1Mb / 25P
3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com