Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS43000PW Datasheet (PDF) - Texas Instruments

TPS43000PW Datasheet PDF - Texas Instruments
Part # TPS43000PW
Download  TPS43000PW Download
File Size   607.89 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MULTI-TOPOLOGY HIGH-FREQUENCY PWM CONTROLLER

TPS43000PW Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS43000PW Datasheet PDF - Texas Instruments

Part # TPS43000PW
Download  TPS43000PW Click to download

File Size   607.89 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MULTI-TOPOLOGY HIGH-FREQUENCY PWM CONTROLLER

TPS43000PW Datasheet (HTML) - Texas Instruments


TPS43000PW Product details

FEATURES
High-Frequency (2-MHz) Voltage Mode PWM
Controller
1.8-V to 9.0-V Input Voltage Range
0.8-V to 8.0-V Output Voltage Range (Higher in
Non-Synchronous Boost Topology)
High-Efficiency Buck, Boost, SEPIC or
Flyback (Buck-Boost) Topology
Synchronous Rectification for High-Efficiency
Drives External MOSFETs for High-Current
Applications
Synchronizable Fixed-Frequency PWM or
Automatic Pulsed Frequency Modulation
(PFM) Mode
Built-In Soft-Start
User Programmable Discontinuous or
Continuous Conduction Mode
Selectable Pulse-by-Pulse Current Limiting or
Hiccup Mode Protection

APPLICATIONS
Networking Equipment
Servers
Base Stations
Cellular Telephones
Satellite Telephones
GPS Devices
Digital Still and Handheld Cameras
Personal Digital Assistants (PDAs)

DESCRIPTION
The TPS43000 is a high-frequency, voltage-mode,
synchronous PWM controller that can be used in buck,
boost, SEPIC, or flyback topologies. This highly flexible,
full-featured controller is designed to drive a pair of
external MOSFETs (one N-channel and one
P-channel), enabling it for use with a wide range of
output voltages and power levels. With an automatic
PFM mode, a shutdown current of less than 1 μA, a
sleep-mode current of less than 100 μA and a full
operating current of less than 2 mA at 1 MHz, it is ideal
for building highly efficient, dc-to-dc converters.
The TPS43000 operates over a wide input voltage
range of 1.8 V to 9.0 V. Typical power sources are
distributed power systems, two to four nickel or alkaline
batteries, or one to two lithium-ion cells. It can be used
to generate regulated output voltages from as low as
0.8 V to 8 V or higher. It operates either in a
fixed-frequency mode, where the user programs the
frequency (up to 2 MHz), or in an automatic PFM mode.
In the automatic mode, the controller goes to sleep
when the inductor current goes discontinuous, and
wakes up when the output voltage has fallen by 2%. In
this hysteretic mode of operation, very high efficiency
can be maintained over a very wide range of load
current. The device can also be synchronized to an
external clock source using the dual function SYNC/SD
input pin.




Similar Part No. - TPS43000PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43000PW TI1-TPS43000PW Datasheet
766Kb / 31P
MULTI-TOPOLOGY HIGH-FREQUENCY PWM CONTROLLER
TPS43000PWG4 TI1-TPS43000PWG4 Datasheet
766Kb / 31P
MULTI-TOPOLOGY HIGH-FREQUENCY PWM CONTROLLER
TPS43000PWR TI1-TPS43000PWR Datasheet
766Kb / 31P
MULTI-TOPOLOGY HIGH-FREQUENCY PWM CONTROLLER
TPS43000PWRG4 TI1-TPS43000PWRG4 Datasheet
766Kb / 31P
MULTI-TOPOLOGY HIGH-FREQUENCY PWM CONTROLLER
More results


Similar Description - TPS43000PW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2639 NSC-LM2639 Datasheet
151Kb / 8P
5-Bit Programmable, High Frequency Multi-phase PWM Controller
logo
Texas Instruments
TPS43000 TI-TPS43000 Datasheet
347Kb / 26P
MULTI TOPLOGY HIGH FREQUENCY PWM CONTROLLER
UCC2975 TI-UCC2975 Datasheet
433Kb / 28P
MULTI TOPOLOGY PIEZOELECTRIC TRANSFORMER CONTROLLER
logo
Vishay Siliconix
SI9166 VISHAY-SI9166 Datasheet
217Kb / 8P
High Frequency Programmable Topology Controller
05-Apr-99
logo
National Semiconductor ...
LM2720 NSC-LM2720_09 Datasheet
348Kb / 10P
5-Bit Programmable, High Frequency Multi-phase PWM Controller
logo
Vishay Siliconix
SI9166 VISHAY-SI9166_04 Datasheet
146Kb / 11P
High Frequency Programmable Topology Controller
19-Apr-04
logo
Texas Instruments
TPS43000PWR TI1-TPS43000PWR Datasheet
766Kb / 31P
MULTI-TOPOLOGY HIGH-FREQUENCY PWM CONTROLLER
TPS43000 TI-TPS43000_15 Datasheet
752Kb / 32P
MULTI-TOPOLOGY HIGH-FREQUENCY
UCC2975 TI1-UCC2975_15 Datasheet
454Kb / 30P
MULTI-TOPOLOGY PIEZOELECTRIC TRANSFORMER CONTROLLER
logo
Vishay Siliconix
SI9166 VISHAY-SI9166_V01 Datasheet
179Kb / 11P
High Frequency Programmable Topology Controller
19-Apr-04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com