Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS51020 Datasheet (PDF) - Texas Instruments

TPS51020 Datasheet PDF - Texas Instruments
Part # TPS51020
Download  TPS51020 Download
File Size   857.98 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER

TPS51020 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS51020 Datasheet PDF - Texas Instruments

Part # TPS51020
Download  TPS51020 Click to download

File Size   857.98 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER

TPS51020 Datasheet (HTML) - Texas Instruments


TPS51020 Product details

FEATURES
Wide Input Voltage Range: 4.5-V to 28-V
Selectable Dual and DDR Modes
Selectable Fixed Frequency Voltage Mode
Advanced Power Good Logic Monitors both
Channels
Selectable Autoskip Mode
Integrated Boot Strap Diodes
180° Phase Shift Between Channels
Integrated 5-V, 60-mA Regulator
Input Feedforward Control
1% Internal 0.85-V Reference
RDS(on) Overcurrent Detection (4200 ppm/°C)
Integrated OVP, UVP and Power Good Timers
30-pin TSSOP Package

APPLICATIONS
Notebook Computers System Bus and I/O
DDR I or DDR II Termination

DESCRIPTION
The TPS51020 is a multi-function dualsynchronous
step-down controller for notebook
system power. The part is specifically designed
for high performance, high efficiency applications
where the loss associated with a current sense
resistor is unacceptable. The TPS51020 utilizes
feed forward voltage mode control to attain high
efficiency without sacrificing line response.
Efficiency at light load conditions can be
maintained high as well by incorporating autoskip
operation. A selectable, Suspend to RAM (STR)
supported, DDR option provides a one chip
solution for all switching applications from
5-V/3.3-V supply to a complete DDR termination
solution.




Similar Part No. - TPS51020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51020 TI-TPS51020 Datasheet
558Kb / 27P
DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
TPS51020DBT TI-TPS51020DBT Datasheet
558Kb / 27P
DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
TPS51020DBTG4 TI-TPS51020DBTG4 Datasheet
558Kb / 27P
DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
TPS51020DBTR TI-TPS51020DBTR Datasheet
558Kb / 27P
DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
TPS51020DBTRG4 TI-TPS51020DBTRG4 Datasheet
558Kb / 27P
DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
More results


Similar Description - TPS51020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51020 TI-TPS51020 Datasheet
558Kb / 27P
DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
logo
STMicroelectronics
PM6685 STMICROELECTRONICS-PM6685 Datasheet
889Kb / 16P
DUAL STEP-DOWN CONTROLLER WITH AUXILARY VOLTAGES FOR NOTEBOOK SYSTEM POWER
23-Sep-2005
logo
Texas Instruments
TPS51120 TI-TPS51120 Datasheet
618Kb / 10P
DUAL CURRENT MODE, SYNCHRONOUS STEP-DOWN CONTROLLER WITH 100-mA STANDBY REGULATORS FOR NOTEBOOK SYSTEM POWER
TPS51427 TI-TPS51427 Datasheet
2Mb / 41P
DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427 TI-TPS51427_1 Datasheet
2Mb / 41P
DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
logo
ON Semiconductor
NCP5215 ONSEMI-NCP5215 Datasheet
2Mb / 21P
Dual Synchronous Buck Controller for Notebook Power System
October, 2008 ??Rev. 5
logo
Texas Instruments
TPS51427A TI1-TPS51427A Datasheet
2Mb / 42P
DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427 TI1-TPS51427_12 Datasheet
2Mb / 41P
DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51120 TI-TPS51120_15 Datasheet
1Mb / 41P
TPS51120 Dual, Synchronous Step-Down Controller With 100-mA Standby Regulators for Notebook System Power
TPS51427A TI-TPS51427A_15 Datasheet
2Mb / 43P
DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com