Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS5120 Datasheet (PDF) - Texas Instruments

TPS5120 Datasheet PDF - Texas Instruments
Part # TPS5120
Download  TPS5120 Download
File Size   669.27 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER

TPS5120 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS5120 Datasheet PDF - Texas Instruments

Part # TPS5120
Download  TPS5120 Click to download

File Size   669.27 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER

TPS5120 Datasheet (HTML) - Texas Instruments


TPS5120 Product details

Qualified for Automotive Applications
Independent Dual-Outputs Operate 180°
Out of Phase
Wide Input Voltage Range: 4.5-V − 28-V
Adjustable Output Voltage Down to 0.9 V
Pin-Selectable PWM/SKIP Mode for High
Efficiency Under Light Loads
Synchronous Buck Operation Allows up to
95% Efficiency
Separate Standby Control and Overcurrent
Protection For Each Channel
Programmable Short-Circuit Protection
Low Supply (1 mA) and Shutdown (1 nA)
Current
Power Good Output
High-Speed Error Amplifiers
Sequencing Easily Achieved by Selecting
Softstart Capacitor Values.
5-V Linear Regulator Power Internal IC
Circuitry
30-Pin TSSOP Packaging
Gate Leakage Test Passing Level is 50 V

description
The TPS5120 is a dual channel, high-efficiency
synchronous buck controller where the outputs
run 180 degrees out of phase, which lowers the
input current ripple, thereby reducing the input capacitance cost. The PWM/SKIP pin allows the operating mode
to switch from PWM mode to skip mode under light load conditions. The skip mode enables a lower operating
frequency and shortens the pulse width to the low-side MOSFET, increasing the efficiency under light load
conditions. These two modes, along with synchronous-rectifier drivers, dead time, and very low quiescent
current, allow power to be conserved and the battery life to be extended under all load conditions. The 1.5 A
(typical) high-side and low-side MOSFET drivers on-chip are designed to drive less expensive N-channel
MOSFETs. The resistorless current protection and fixed high-side driver voltage simplify the power supply
design and reduce the external parts count. Each channel is independent, offering a separate controller,
overcurrent protection, and standby control. Sequencing is flexible and can be tailored by choosing different
softstart capacitor values. Other features, such as undervoltage lockout, power good, overvoltage,
undervoltage, and programmable short-circuit protection promote system reliability.




Similar Part No. - TPS5120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120 Datasheet
840Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI2-TPS5120 Datasheet
677Kb / 27P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
REVISED MARCH 2003
TPS5120 TI2-TPS5120 Datasheet
911Kb / 24P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
REVISED APRIL 2006
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
More results


Similar Description - TPS5120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Analog Devices
ADP1850 AD-ADP1850 Datasheet
1Mb / 32P
Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
REV. 0
logo
Texas Instruments
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
Dual Output or Two-Phase Synchronous Buck Controller
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
Dual Output or Two-Phase Synchronous Buck Controller
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Analog Devices
ADP1850 AD-ADP1850_V01 Datasheet
1Mb / 32P
Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com