Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS5402 Datasheet (PDF) - Texas Instruments

TPS5402 Datasheet PDF - Texas Instruments
Part # TPS5402
Download  TPS5402 Download
File Size   606.85 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.5-V TO 28-V INPUT VOLTAGE, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET

TPS5402 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS5402 Datasheet PDF - Texas Instruments

Part # TPS5402
Download  TPS5402 Click to download

File Size   606.85 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.5-V TO 28-V INPUT VOLTAGE, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET

TPS5402 Datasheet (HTML) - Texas Instruments


TPS5402 Product details

1FEATURES
• 3.5-V to 28-V Wide Input Voltage Range
• Up to 1.7-A Maximum Continuous Output
Loading Current
• Pulse Skipping Mode to Achieve High Light
Load Efficiency
• High Light Load Efficiency
• Frequency Spread Spectrum to Reduce EMI
• Adjustable 50-kHz to 1.1-MHz Switching
Frequency Set by an External Resistor
(Leave pin ROSC floating. Set frequency to
120 kHz and ground connection to 70 kHz)
• Frequency Spread Spectrum to Ease EMI Issue
• Peak Current-Mode Control
• Cycle-by-Cycle Over Current Protection
• External Soft Start
• Available in SOIC8 Package

APPLICATIONS
• 5-V, 9-V, 12-V and 24-V Distributed Power
Systems
• Consumer Applications Such as Home
Appliances, Set-Top Boxes, CPE Equipment,
LCD Displays, Peripherals, and Battery
Chargers
• Industrial and Car Entertainment Power
Supplies

DESCRIPTION
The TPS5402 is a monolithic non-synchronous buck regulator with wide operating input voltage range from 3.5 V
to 28 V. Current mode control with internal slope compensation is implemented to reduce component count.
TPS5402 also features a light load pulse skipping mode, which allows for a power loss reduction from the input
power supply to the system at light loading.
The switching frequency of the converters can be set from 50 kHz to 1.1 MHz with an external resistor.
Frequency spread spectrum operation is introduced for EMI reduction.
A cycle-by-cycle current limit with frequency fold back protects the IC at over loading condition.




Similar Part No. - TPS5402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5402 TI-TPS5402 Datasheet
942Kb / 18P
3.5-V TO 28-V INPUT VOLTAGE, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS54020 TI1-TPS54020 Datasheet
106Kb / 4P
4.5V to 17V Input, 10A Synchronous Step-Down SWIFT??Converter With Full Feature Set
TPS54020 TI2-TPS54020 Datasheet
2Mb / 49P
TPS54020 Small, 10-A, 4.5-V to 17-V input, SWIFT™ Synchronous Step-down Converter with Light-load Efficiency
REVISED NOVEMBER 2020
TPS54020RUWR TI1-TPS54020RUWR Datasheet
106Kb / 4P
4.5V to 17V Input, 10A Synchronous Step-Down SWIFT??Converter With Full Feature Set
TPS54020RUWR TI-TPS54020RUWR Datasheet
2Mb / 43P
Small, 10-A, 4.5-V to 17-V Input, SWIFT Synchronous Step-Down Converter with Light-Load Efficiency
More results


Similar Description - TPS5402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65270 TI1-TPS65270 Datasheet
1Mb / 25P
4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS5405 TI1-TPS5405 Datasheet
719Kb / 18P
6.5-V TO 28-V INPUT VOLTAGE, 5-V FIXED OUTPUT, 2-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS5402 TI-TPS5402 Datasheet
942Kb / 18P
3.5-V TO 28-V INPUT VOLTAGE, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS5403 TI-TPS5403 Datasheet
942Kb / 18P
4.5-V TO 28-V INPUT VOLTAGE, 3.3-V FIXED OUTPUT, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS51312 TI-TPS51312 Datasheet
989Kb / 20P
3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
TPS5405 TI-TPS5405_15 Datasheet
887Kb / 19P
6.5-V TO 28-V INPUT VOLTAGE, 5-V FIXED OUTPUT, 2-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS51312 TI-TPS51312_15 Datasheet
958Kb / 21P
3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
TPS65270 TI-TPS65270_15 Datasheet
2Mb / 27P
4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
LM76002 TI1-LM76002 Datasheet
1Mb / 53P
3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002-Q1 TI1-LM76002-Q1 Datasheet
2Mb / 54P
3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com