Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS5403 Datasheet (PDF) - Texas Instruments

TPS5403 Datasheet PDF - Texas Instruments
Part # TPS5403
Download  TPS5403 Download
File Size   606.7 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4.5-V TO 28-V INPUT VOLTAGE, 3.3-V FIXED OUTPUT, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET

TPS5403 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS5403 Datasheet PDF - Texas Instruments

Part # TPS5403
Download  TPS5403 Click to download

File Size   606.7 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4.5-V TO 28-V INPUT VOLTAGE, 3.3-V FIXED OUTPUT, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET

TPS5403 Datasheet (HTML) - Texas Instruments


TPS5403 Product details

1FEATURES
• Fixed 3.3-V Output
• 4.5-V to 28-V Wide Input Voltage Range
• Up to 1.7-A Maximum Continuous Output
Loading Current
• Pulse Skipping Mode to Achieve High Light
Load Efficiency
• Over 80% Efficiency at 10-mA Loading
• Adjustable 50-kHz to 1.1-MHz Switching
Frequency Set by an External Resistor
(Leave pin ROSC floating. Set frequency to
120 kHz and ground connection to 70 kHz)
• Peak Current-Mode Control
• Cycle-by-Cycle Over Current Protection
• Frequency Spread Spectrum and Switching
Node Anti-Ringing to Ease EMI Issue
• External Soft Start
• Available in SOIC8 Package

APPLICATIONS
• 5-V, 9-V, 12-V and 24-V Distributed Power
Systems
• Consumer Applications Such as Home
Appliances, Set-Top Boxes, CPE Equipment,
LCD Displays, Peripherals, and Battery
Chargers
• Industrial and Car Entertainment Power
Supplies

DESCRIPTION
The TPS5403 is a monolithic non-synchronous buck regulator with wide operating input voltage range from 4.5 V
to 28 V. Current mode control with internal slope compensation is implemented to reduce component count.
TPS5403 also features a light load pulse skipping mode, which allows for a power loss reduction from the input
power supply to the system at light loading.
The switching frequency of the converters can be set from 50 kHz to 1.1 MHz with an external resistor.
Frequency spread spectrum operation is introduced for EMI reduction.
LX anti-ringing is added to address high frequency EMI issues.
A cycle-by-cycle current limit with frequency fold back protects the IC at over loading condition.




Similar Part No. - TPS5403

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5403 TI-TPS5403 Datasheet
942Kb / 18P
4.5-V TO 28-V INPUT VOLTAGE, 3.3-V FIXED OUTPUT, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS5403 TI2-TPS5403 Datasheet
612Kb / 19P
4.5-V TO 28-V INPUT VOLTAGE, 3.3-V FIXED OUTPUT, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
SEPTEMBER 2012
TPS5403DR TI-TPS5403DR Datasheet
942Kb / 18P
4.5-V TO 28-V INPUT VOLTAGE, 3.3-V FIXED OUTPUT, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS5403DR TI2-TPS5403DR Datasheet
612Kb / 19P
4.5-V TO 28-V INPUT VOLTAGE, 3.3-V FIXED OUTPUT, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
SEPTEMBER 2012
TPS5403DR.A TI2-TPS5403DR.A Datasheet
612Kb / 19P
4.5-V TO 28-V INPUT VOLTAGE, 3.3-V FIXED OUTPUT, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
SEPTEMBER 2012
More results


Similar Description - TPS5403

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65270 TI1-TPS65270 Datasheet
1Mb / 25P
4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS5405 TI1-TPS5405 Datasheet
719Kb / 18P
6.5-V TO 28-V INPUT VOLTAGE, 5-V FIXED OUTPUT, 2-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS5402 TI-TPS5402 Datasheet
942Kb / 18P
3.5-V TO 28-V INPUT VOLTAGE, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS5403 TI-TPS5403 Datasheet
942Kb / 18P
4.5-V TO 28-V INPUT VOLTAGE, 3.3-V FIXED OUTPUT, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS5405 TI-TPS5405_15 Datasheet
887Kb / 19P
6.5-V TO 28-V INPUT VOLTAGE, 5-V FIXED OUTPUT, 2-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65270 TI-TPS65270_15 Datasheet
2Mb / 27P
4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS54202 TI1-TPS54202 Datasheet
967Kb / 26P
4.5-V to 28-V Input, 2-A Output, EMI Friendly Synchronous Step Down Converter
TPS54202H TI1-TPS54202H Datasheet
1Mb / 28P
4.5-V to 28-V Input, 2-A Output, SWIFT Synchronous Step Down Voltage Converter
TPS56339 TI1-TPS56339 Datasheet
727Kb / 25P
4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS56339 TI1-TPS56339_19 Datasheet
703Kb / 25P
4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com