Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS5410 Datasheet (PDF) - Texas Instruments

TPS5410 Datasheet PDF - Texas Instruments
Part # TPS5410
Download  TPS5410 Download
File Size   798.04 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1-A WIDE INPUT RANGE STEP-DOWN SWIFT™ CONVERTER

TPS5410 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS5410 Datasheet PDF - Texas Instruments

Part # TPS5410
Download  TPS5410 Click to download

File Size   798.04 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1-A WIDE INPUT RANGE STEP-DOWN SWIFT™ CONVERTER

TPS5410 Datasheet (HTML) - Texas Instruments


TPS5410 Product details

1FEATURES
2• Wide Input Voltage Range: 5.5 V to 36 V
• Up to 1-A Continuous (1.2-A Peak) Output
Current
• High Efficiency up to 95% Enabled by 110-mΩ
Integrated MOSFET Switch
• Wide Output Voltage Range: Adjustable Down
to 1.22 V with 1.5% Initial Accuracy
• Internal Compensation Minimizes External
Parts Count
• Fixed 500-kHz Switching Frequency for Small
Filter Size
• Improved Line Regulation and Transient
Response by Input Voltage Feed Forward
• System Protected by Over Current Limiting,
Over Voltage Protection and Thermal
Shutdown
• –55°C to 125°C Operating Junction
Temperature Range
• Available in Small 8-Pin SOIC Package
• For SWIFT Documentation, Application Notes
and Design Software, See the TI Website at
www.ti.com/swift

SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
• Controlled Baseline
• One Assembly/Test Site
• One Fabrication Site
• Available in Military (–55°C/125°C)
Temperature Range(1)
• Extended Product Life Cycle
• Extended Product-Change Notification
• Product Traceability
(1) Additional temperature ranges are available - contact factory

APPLICATIONS
• Consumer: Set-top Box, DVD, LCD Displays
• Industrial and Car Audio Power Supplies
• Battery Chargers, High Power LED Supply
• 12-V/24-V Distributed Power Systems

DESCRIPTION
As a member of the SWIFT™ family of DC/DC
regulators, the TPS5410 is a high-output-current
PWM converter that integrates a low resistance high
side N-channel MOSFET. Included on the substrate
with the listed features is a high performance voltage
error amplifier that provides tight voltage regulation
accuracy under transient conditions; an
undervoltage-lockout circuit to prevent start-up until
the input voltage reaches 5.5 V; an internally set
slow-start circuit to limit inrush currents; and a voltage feed-forward circuit to improve the transient
response. Using the ENA pin, shutdown supply
current is reduced to 18 μA typically. Other features
include an active high enable, overcurrent limiting,
overvoltage protection and thermal shutdown. To
reduce design complexity and external component
count, the TPS5410 feedback loop is internally
compensated.
The TPS5410 device is available in an easy to use
8-pin SOIC package. TI provides evaluation modules
and software tools to aid in quickly achieving high-performance power supply designs to meet
aggressive equipment development cycles.




Similar Part No. - TPS5410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5410 TI-TPS5410 Datasheet
71Kb / 4P
SWIFT Converter Product Portfolio
TPS5410 TI1-TPS5410 Datasheet
1Mb / 30P
1-A, Wide Input Range, Step-Down Converter
TPS5410-EP TI-TPS5410-EP Datasheet
768Kb / 24P
1-A WIDE INPUT RANGE STEP-DOWN SWIFT CONVERTER
TPS5410-EP TI1-TPS5410-EP Datasheet
1Mb / 30P
1-A, Wide Input Range, Step-Down Converter
More results


Similar Description - TPS5410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5420-EP TI-TPS5420-EP Datasheet
647Kb / 22P
2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5410-EP TI-TPS5410-EP Datasheet
768Kb / 24P
1-A WIDE INPUT RANGE STEP-DOWN SWIFT CONVERTER
TPS5410-Q1 TI1-TPS5410-Q1 Datasheet
910Kb / 25P
1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5420-Q1 TI1-TPS5420-Q1 Datasheet
565Kb / 22P
2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5430-EP TI1-TPS5430-EP Datasheet
914Kb / 28P
3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5450-EP TI1-TPS5450-EP Datasheet
890Kb / 24P
5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5431 TI1-TPS5431 Datasheet
1Mb / 32P
3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5410-EP TI-TPS5410-EP_15 Datasheet
1Mb / 26P
1-A WIDE INPUT RANGE STEP-DOWN SWIFT??CONVERTER
TPS5410-Q1 TI-TPS5410-Q1_15 Datasheet
858Kb / 26P
1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com