Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS3831 Datasheet (PDF) - Texas Instruments

TPS3831 Datasheet PDF - Texas Instruments
Part # TPS3831
Download  TPS3831 Download
File Size   885.26 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS383x 150-nA, Ultralow Power, Supply Voltage Monitor

TPS3831 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3831 Datasheet PDF - Texas Instruments

Part # TPS3831
Download  TPS3831 Click to download

File Size   885.26 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS383x 150-nA, Ultralow Power, Supply Voltage Monitor

TPS3831 Datasheet (HTML) - Texas Instruments


TPS3831 Product details

1 Features
1• Ultralow Supply Current: 150 nA (Typical)
• Operating Supply Voltage: 0.9 V to 6.5 V
• Valid Reset for VDD > 0.6 V
• Push-Pull RESET Output
• Factory-Trimmed Reset Threshold Voltages
• Temperature Range: –40°C to 85°C
• Packages: 1-mm × 1-mm X2SON or 3-Pin SOT23

2 Applications
• Portable and Battery-Powered Equipment
• Metering
• Industrial Equipment
• Cell Phones
• Glucose Monitors
• Tablets factory•
Wearables

3 Description
The TPS3831 and TPS3839 devices (both referred to
as TPS383x) are ultralow current (150 nA, typical), voltage supervisory circuits that monitor a single
voltage. Both devices initiate an active-low reset
signal whenever the VDD supply voltage drops below
the factory-trimmed reset threshold voltage. The reset output remains low for 200 ms (typical) after the VDD
voltage rises above the threshold voltage and
hysteresis. These devices are designed to ignore fast
transients on the VDD pin. The TPS3831 device
includes a manual reset input that forces RESET low
when MR is low.
The ultralow current consumption of 150 nA makes these voltage supervisors ideal for use in low-power
and portable applications. The TPS383x devices are
specified to have the correct output logic state for
supply voltages down to 0.6 V.
The TPS383x devices feature precision factory•
trimmed threshold voltages and extremely low-power
operation. The TPS3831 device is available in a 4-
pin, 1-mm × 1-mm (DQN) X2SON package. The
TPS3839 device is available in a 3-pin SOT23 (DBZ)
package or a 4-pin, 1-mm × 1-mm (DQN) X2SON
package.




Similar Part No. - TPS3831

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3831 TI-TPS3831 Datasheet
906Kb / 24P
Ultralow Power, Supply Voltage Supervisor
TPS3831 TI1-TPS3831 Datasheet
1Mb / 31P
Ultralow Power, Supply Voltage Monitor
TPS3831 TI2-TPS3831 Datasheet
897Kb / 35P
TPS383x 150-nA, Ultralow Power, Supply Voltage Monitor
REVISED JULY 2015
TPS3831A09 TI-TPS3831A09 Datasheet
906Kb / 24P
Ultralow Power, Supply Voltage Supervisor
TPS3831A09 TI2-TPS3831A09 Datasheet
897Kb / 35P
TPS383x 150-nA, Ultralow Power, Supply Voltage Monitor
REVISED JULY 2015
More results


Similar Description - TPS3831

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
SUPPLY VOLTAGE MONITOR
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
SUPPLY VOLTAGE MONITOR
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
SUPPLY VOLTAGE MONITOR
JULY 2006
logo
Texas Instruments
TPS3831 TI-TPS3831 Datasheet
906Kb / 24P
Ultralow Power, Supply Voltage Supervisor
TPS3103 TI1-TPS3103 Datasheet
1Mb / 31P
Ultralow Supply-Current Voltage Monitor With Optional Watchdog
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
Ultralow Power, Supply Voltage Monitor
TPS3847 TI1-TPS3847 Datasheet
1,012Kb / 23P
18-V, 380-nA Voltage Monitor
TPS780 TI1-TPS780_16 Datasheet
1Mb / 37P
150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable, Dual-Level Output Voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com