Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

341 Datasheet (PDF) - Carl Kammerling International Limited

341 Datasheet PDF - Carl Kammerling International Limited
Part # 341
Download  341 Download
File Size   583.47 Kbytes
Page   11 Pages
Manufacturer  CARL [Carl Kammerling International Limited]
Direct Link  https://www.carlkammerling.com/
Logo CARL - Carl Kammerling International Limited
Description Redline VDE Pliers

341 Datasheet (PDF)

Go To PDF Page Download Datasheet
341 Datasheet PDF - Carl Kammerling International Limited

Part # 341
Download  341 Click to download

File Size   583.47 Kbytes
Page   11 Pages
Manufacturer  CARL [Carl Kammerling International Limited]
Direct Link  https://www.carlkammerling.com/
Logo CARL - Carl Kammerling International Limited
Description Redline VDE Pliers

341 Datasheet (HTML) - Carl Kammerling International Limited


341 Product details

Range Description
A range of VDE approved Professional Electricians Pliers and cutters

Range Features
 Certified & approved by the world renowned VDE institute of Germany
 Each tool is tested to 10,000v for the complete assurance of safety when working on live equipment up to 1000v AC
 GS (Gerpruffe Sicherheit) safety marked
 Ergonomic dual compound handle offering the perfect balance of grip and comfort
 Induction hardened and precision ground cutting edges for the ultimate in performance




Similar Part No. - 341

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
341 ETC2-341 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
EDAC, All Rights Reserv...
341-005-500-101 EDAC-341-005-500-101 Datasheet
532Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-005-500-101 EDAC-341-005-500-101 Datasheet
135Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-005-500-102 EDAC-341-005-500-102 Datasheet
532Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-005-500-102 EDAC-341-005-500-102 Datasheet
135Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
More results


Similar Description - 341

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D00634 ETC2-D00634 Datasheet
33Kb / 1P
VDE Snipe Nose Pliers
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
logo
PHOENIX CONTACT
SF-Z0029 PHOENIX-SF-Z0029 Datasheet
46Kb / 2P
Crimping pliers
UNIFOX-C-VDE-M PHOENIX-UNIFOX-C-VDE-M Datasheet
53Kb / 2P
UNIFOX ... VDE-insulated combination pliers in straight and angled versions
UNIFOX-F-VDE PHOENIX-UNIFOX-F-VDE Datasheet
52Kb / 2P
Flat-nose pliers, finely notched grip area, VDE 1000 V AC/1500 V DC tested
UNIFOX-P-VDE PHOENIX-UNIFOX-P-VDE Datasheet
50Kb / 2P
Needle-nose pliers with blade, notched grip area, VDE 1000 V AC/1500 V DC tested
UNIFOX-R-VDE PHOENIX-UNIFOX-R-VDE Datasheet
48Kb / 3P
Round-nose pliers, finely notched grip area, VDE 1000 V AC/1500 V DC tested
WIREFOX-10-VDE PHOENIX-WIREFOX-10-VDE Datasheet
49Kb / 2P
Stripping pliers, for stripping conductors with a cross section of up to 10 mm짼, VDE-tested
1212529 PHOENIX-1212529 Datasheet
48Kb / 2P
Pointed pliers - UNIFOX-PE VDE
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
Stripping pliers
2009-03-11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com