Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

610 Datasheet (PDF) - Carl Kammerling International Limited

610 Datasheet PDF - Carl Kammerling International Limited
Part # 610
Download  610 Download
File Size   161.6 Kbytes
Page   3 Pages
Manufacturer  CARL [Carl Kammerling International Limited]
Direct Link  https://www.carlkammerling.com/
Logo CARL - Carl Kammerling International Limited
Description Tape5 tape measures

610 Datasheet (PDF)

Go To PDF Page Download Datasheet
610 Datasheet PDF - Carl Kammerling International Limited

Part # 610
Download  610 Click to download

File Size   161.6 Kbytes
Page   3 Pages
Manufacturer  CARL [Carl Kammerling International Limited]
Direct Link  https://www.carlkammerling.com/
Logo CARL - Carl Kammerling International Limited
Description Tape5 tape measures

610 Datasheet (HTML) - Carl Kammerling International Limited


610 Product details

Range Description
A range of two sizes of Professional specification tape measures, offered with a variety of Merchandising options.

Features
· Autobrake system – automatically stops the tape from recoiling when extended, offering fast and convenient measuring
· Magnetic hook tip – The magnet will hold the end of the tape to metal, ideal for steel work, lintels etc
· Rubber grip hook - the rubber grip hook holds the tape securely over the edge of smooth and chamfered surfaces, making measurement hassle free
· Big Blade standout – the 25mm wide blade is designed to give over 2m standout without bending making measuring easier in unsupported long reach areas
· ABS and Rubber body – a bonded rubber jacket giving 75% area protection to the tough ABS plastic body offers substantial damage protection for demanding conditions
· Measures with Class II accuracy to ensure everything fits
· Integrally moulded belt clip – Tough and impossible to come loose in use




Similar Part No. - 610

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
610 MARL-610 Datasheet
411Kb / 4P
횠6.35mm mounting Black anodised aluminium housing
logo
Oscilent Corporation
610 OSCILENT-610 Datasheet
146Kb / 2P
Low Profile
logo
Enercon Technologies Eu...
610 ENERCON-610 Datasheet
878Kb / 2P
Compact, Portable IP67 Military Fast Ethernet Switch
Jan 25, 2020
logo
Testo SE & Co. KGaA
610 TESTO-610 Datasheet
238Kb / 10P
Innovative Pocket-Sized Measurement Technology
logo
RCD COMPONENTS INC.
610-100 RCD-610-100 Datasheet
249Kb / 1P
ALUMINUM HOUSED RESISTORS
More results


Similar Description - 610

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
EV9902A CMLMICRO-EV9902A Datasheet
484Kb / 23P
Measures Bit Error Rate
logo
Maxim Integrated Produc...
MAX34407 MAXIM-MAX34407 Datasheet
445Kb / 17P
Measures Both Current and Voltage
Rev 0; 11/14
logo
Amphenol Corporation
T10 AMPHENOL-T10 Datasheet
103Kb / 8P
Measures differential, gage pressure, or vacuum
AAS-920-079D AMPHENOL-AAS-920-079D Datasheet
50Kb / 2P
Measures up to 3/4??(19 mm) below the surface
logo
Infineon Technologies A...
TLE4929C-XHA-M18N INFINEON-TLE4929C-XHA-M18N Datasheet
1Mb / 34P
Measures speed and position of tooth/pole wheels
Datasheet 1.0 2020-09-29
logo
Maxim Integrated Produc...
MAX17135EVKIT MAXIM-MAX17135EVKIT Datasheet
2Mb / 12P
Measures Remote Diode Temperature
Rev 1; 1/12
MAX1668EVSYS MAXIM-MAX1668EVSYS Datasheet
1Mb / 7P
Measures and Displays Remote and Internal
Rev 0; 12/00
MAX6654EVSYS MAXIM-MAX6654EVSYS Datasheet
151Kb / 5P
Measures and Displays Remote Sensor
Rev 0; 5/01
logo
Analog Devices
ADBMS6948 AD-ADBMS6948 Datasheet
140Kb / 2P
Measures up to 16 Battery Cells in series
logo
Schneider Electric
IMV25 SCHNEIDER-IMV25 Datasheet
107Kb / 2P
Measures pressure, differential pressure and process temperature
Apr 26, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com