Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC0115T2A0-12 Datasheet (PDF) - Power Integrations, Inc.

2SC0115T2A0-12 Datasheet PDF - Power Integrations, Inc.
Part # 2SC0115T2A0-12
Download  2SC0115T2A0-12 Download
File Size   192.47 Kbytes
Page   8 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Dual-channel ultra-compact SCALE™-2 driver core

2SC0115T2A0-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC0115T2A0-12 Datasheet PDF - Power Integrations, Inc.

Part # 2SC0115T2A0-12
Download  2SC0115T2A0-12 Click to download

File Size   192.47 Kbytes
Page   8 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Dual-channel ultra-compact SCALE™-2 driver core

2SC0115T2A0-12 Datasheet (HTML) - Power Integrations, Inc.


2SC0115T2A0-12 Product details

Short Description
The SCALE™-2+ dual-driver core 2SC0115T2A0-12 / 2SC0115T2A0C-12 (Coated version using ELPEGUARD SL
1307 FLZ/2 from Lackwerke Peters) combines unrivalled compactness with broad applicability. The
2SC0115T2A0(C)-12 dual channel gate-driver core is made for 90kW to 500kW inverters and converters.
Leveraging SCALE-2+ integrated circuit and isolated transformer technology for DC/DC power and switching
signal transmission, the driver core improves system reliability and performance by eliminating the need for an
opto-coupler. The driver core’s reinforced electrical isolation targets systems with a working voltage of 900V,
which is typical for 1200V IGBT modules and complies with the PD2 and OV II clearance and creepage
requirements of IEC 60664-1 and IEC 61800-5-1. The 2SC0115T2A0(C)-12 gate-driver core supports modules
up to 1400A and switching frequencies of up to 50kHz.
With a footprint of 53.1mm x 31mm and a profile of just 13mm the 2SC0115T2A0(C)-12 gate-driver core is
the most compact industrial unit of its type available. Compared with conventional drivers, the highlyintegrated
SCALE-2+ chipset uses about 85% fewer components than competing products. It includes shortcircuit
protection by VCEsat monitoring and supply-voltage monitoring independently from the primary and
secondary side. The new gate-driver core supports full Advanced Active Clamping (AAC) to control the IGBT
voltage overshoot during turn-off.
Each of the two output channels is electrically isolated from the primary side and the other secondary channel.
An output current of ±15A and 1.4W drive power is available per channel with a gate voltage swing of +15V
to -6V. The turn-on voltage is regulated to maintain a stable 15V regardless of the output power level.
Its outstanding EMC allows safe and reliable operation even in harsh industrial applications.
Applications
Industrial motor drives
Premium drives
Uninterruptible power supplies (UPS)
PV converters
Electric/hybrid drive vehicles
Switched mode power supplies (SMPS)
Medical equipment (MRT, CT, X-ray)
Welding and plasma cutters
Multilevel applications, 3-Level NPC1 and 2




Similar Part No. - 2SC0115T2A0-12

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
2SC0106T2A1-12 POWERINT-2SC0106T2A1-12 Datasheet
252Kb / 8P
Dual-channel ultra-compact SCALE™-2 driver core
Version 2.0 from 2018-02-06
2SC0106T2A1C-12 POWERINT-2SC0106T2A1C-12 Datasheet
252Kb / 8P
Dual-channel ultra-compact SCALE™-2 driver core
Version 2.0 from 2018-02-06
logo
List of Unclassifed Man...
2SC0108T2A0-17 ETC2-2SC0108T2A0-17 Datasheet
511Kb / 32P
DESCRIPTION AND APPLICATION MANUAL FOR SCALE DRIVERS
logo
Power Integrations, Inc...
2SC0108T2D0-07 POWERINT-2SC0108T2D0-07 Datasheet
131Kb / 7P
Dual Channel Ultra-compact Low-cost SCALE™-2 Driver Core
2016-05-20
2SC0108T2D0-12 POWERINT-2SC0108T2D0-12 Datasheet
245Kb / 8P
Dual Channel Ultra-compact Low-cost SCALE™-2 Driver Core
2018-01-25
More results


Similar Description - 2SC0115T2A0-12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
Dual air-core gauge driver
1999 Sep 20
logo
Rohm
BA6820F ROHM-BA6820F Datasheet
172Kb / 10P
LED level meter driver, 12-point x 2 channel, VU scale, bar display
logo
List of Unclassifed Man...
2SD106A ETC-2SD106A Datasheet
62Kb / 1P
Ultra-compact dual SCALE driver for IGBTs with blocking voltages up to 1200V
logo
AAEON Technology
PCM-9452 AAEON-PCM-9452 Datasheet
358Kb / 2P
Compact Board with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
logo
List of Unclassifed Man...
2SD315AI ETC2-2SD315AI Datasheet
351Kb / 15P
Dual SCALE Driver Core for IGBTs and Power MOSFETs
2SD106AI ETC1-2SD106AI Datasheet
210Kb / 12P
2SD106AI Dual SCALE Driver Core for IGBTs and Power MOSFETs
EXPRESS-LPC ETC2-EXPRESS-LPC Datasheet
356Kb / 3P
COM Express짰 Compact Size Type 2 Module with Dual Core Intel짰 Atom??Processor
logo
STMicroelectronics
STSPIN840 STMICROELECTRONICS-STSPIN840 Datasheet
720Kb / 28P
Compact dual brushed DC motor driver
Rev 1
logo
BCM Advanced Research.
AR8MXMM BCM-AR8MXMM Datasheet
464Kb / 1P
i.MX8M Mini Quad Core SoC Ultra Compact, Ultra Low Power ARM Motherboard
2021/06/09
logo
Nexperia B.V. All right...
PMGD400UN NEXPERIA-PMGD400UN Datasheet
213Kb / 13P
Dual N-channel mTrenchMOS™ ultra low level FET
Rev. 01 - 3 March 2004
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com