Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP3237 Datasheet (PDF) - ON Semiconductor

NCP3237 Datasheet PDF - ON Semiconductor
Part # NCP3237
Download  NCP3237 Download
File Size   954.44 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8 A Integrated Synchronous Buck Converter

NCP3237 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCP3237 Datasheet PDF - ON Semiconductor

Part # NCP3237
Download  NCP3237 Click to download

File Size   954.44 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8 A Integrated Synchronous Buck Converter

NCP3237 Datasheet (HTML) - ON Semiconductor


NCP3237 Product details

Features
• VIN = 4.7 V ~ 16 V
• VOUT = 0.6 V ~ 0.80*VIN and up to 12 V
• Integrated Power MOSFETs
• Up to 8 A Output Current
• Integrated 5 V LDO
• Programmable Switching Frequency from 300 kHz to 1.2 MHz
• Forced CCM
• Both High−side and Low−side OCP Operation
• Hiccup Over−Current Protection
• Hiccup Over−Voltage and Under−Voltage Protection
• Recoverable Thermal Shutdown Protection
• 3.5 mm x 3.5 mm, FCQFN18 Package
• Safe Startup into Pre−biased Output Voltage
• This is a Pb−Free Device

Typical Application
• Base Station Radio Units
• Point of Load
• Telecom and Networking
• Server and Storage System




Similar Part No. - NCP3237

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3230 ONSEMI-NCP3230 Datasheet
156Kb / 15P
High Current Synchronous Buck Converter
August, 2016 ??Rev. 0
NCP3230MNTXG ONSEMI-NCP3230MNTXG Datasheet
156Kb / 15P
High Current Synchronous Buck Converter
August, 2016 ??Rev. 0
NCP3231 ONSEMI-NCP3231 Datasheet
157Kb / 15P
High Current Synchronous Buck Converter
May, 2015 ??Rev. 5
NCP3231A ONSEMI-NCP3231A Datasheet
153Kb / 14P
High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
NCP3231AMNTXG ONSEMI-NCP3231AMNTXG Datasheet
153Kb / 14P
High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
More results


Similar Description - NCP3237

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9106FVM ROHM-BD9106FVM_12 Datasheet
2Mb / 42P
Synchronous Buck Converter Integrated FET
BD9106FVM-LB ROHM-BD9106FVM-LB Datasheet
2Mb / 23P
Synchronous Buck Converter Integrated FET
BD91361MUV-E2 ROHM-BD91361MUV-E2 Datasheet
1Mb / 23P
Synchronous Buck Converter Integrated FET
logo
ON Semiconductor
NCP3133A ONSEMI-NCP3133A Datasheet
128Kb / 13P
Integrated Synchronous Buck Converter
September, 2014 ??Rev. 1
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
NCP3134 ONSEMI-NCP3134 Datasheet
152Kb / 13P
4 A Integrated Synchronous Buck Converter
August, 2016 ??Rev. 1
logo
Rohm
BD9328EFJ-LB ROHM-BD9328EFJ-LB Datasheet
1Mb / 22P
Synchronous Buck Converter Integrated FET
BD9329AEFJ-LB ROHM-BD9329AEFJ-LB_15 Datasheet
1Mb / 22P
Synchronous Buck Converter integrated FET
BU90002GWXEVK-101 ROHM-BU90002GWXEVK-101 Datasheet
797Kb / 7P
Synchronous Buck Converter Integrated FET
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com