Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5016 Datasheet (PDF) - Monolithic Power Systems

MP5016 Datasheet PDF - Monolithic Power Systems
Part # MP5016_V01
Download  MP5016 Download
File Size   945.55 Kbytes
Page   17 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2.7 - 15V, 0.7 - 5A, Current Limit Switch with Over-Voltage Clamp and Reverse Blocking

MP5016 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP5016 Datasheet PDF - Monolithic Power Systems

Part # MP5016_V01
Download  MP5016 Click to download

File Size   945.55 Kbytes
Page   17 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2.7 - 15V, 0.7 - 5A, Current Limit Switch with Over-Voltage Clamp and Reverse Blocking

MP5016 Datasheet (HTML) - Monolithic Power Systems


MP5016 Product details

DESCRIPTION
The MP5016 is a protection device designed to
protect circuitry on the output from transients on
the input. The MP5016 also protects the input
from undesired shorts and transients coming
from the output.
During start-up, the inrush current is limited by
limiting the slew rate at the output. The slew
rate is controlled by the DV/DT pin setting and
MODE pin setting.
The maximum load at the output is currentlimited. The magnitude of the current limit is
controlled by an external resistor from ILIMIT to
GND. There is a fixed 2.5A current limit when
ILIMIT is floating.
The output voltage is limited by the output overvoltage protection (OVP) function. The clamp
voltage can be set by the MODE connection.
The MP5016 offers a GATE drive signal
connected to an external N-channel MOSFET
gate to block current flowing from the output to
the input when the IC is in enable off, power
shutdown, or thermal shutdown.
The MP5016 is available in a QFN-10
(1.5mmx2mm) package.

FEATURES
 Wide 2.7V to 15V Operating Input Range
 26V Absolute Maximum Transient Input
Voltage
 Selectable Over-Voltage Clamp Threshold
 Fast Output Over-Voltage Protection (OVP)
Response
 Integrated 43mΩ Power MOSFET
 Adjustable Current Limit or Fixed Current
Limit when Floating ILIMIT
 Reverse-Blocking MOSFET Driver
 Soft-Start Time Programmable through
DV/DT and MODE
 Fast Response for Hard Short Protection
 Over-Current Protection (OCP) Hiccup
Protection
 Thermal Shutdown and Auto-Retry
 Available in a QFN-10 (1.5mmx2mm)
Package

APPLICATIONS
 HDD, SSD
 Hot Swaps
 Wireless Modem Data Cards
 PC Cards
 USB Power Distribution
 USB Protection
 USB3.1 Power Delivery




Similar Part No. - MP5016_V01

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5016GQH MPS-MP5016GQH Datasheet
1Mb / 16P
2.7 - 15V, 0.7 - 5A, Current Limit Switch with Over-Voltage Clamp and Reverse Blocking
MP5016H MPS-MP5016H Datasheet
1Mb / 17P
2.7 - 22V, 0.7 - 5A, Current Limit Switch with Over-Voltage Clamp and Reverse Block
MP5016HGQH MPS-MP5016HGQH Datasheet
1Mb / 17P
2.7 - 22V, 0.7 - 5A, Current Limit Switch with Over-Voltage Clamp and Reverse Block
More results


Similar Description - MP5016_V01

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5010A MPS-MP5010A Datasheet
808Kb / 15P
3V-18V, 1A-5A Programmable-Current- Limit Switch with Over-Voltage Clamp
MP5010B MPS-MP5010B Datasheet
520Kb / 15P
3V-18V, 1A-5A Programmable-Current- Limit Switch with Over-Voltage Clamp
MP5011 MPS-MP5011 Datasheet
833Kb / 12P
12V, 5A Switch with Programmable Current Limit
MP5016 MPS-MP5016 Datasheet
1Mb / 16P
2.7 - 15V, 0.7 - 5A, Current Limit Switch with Over-Voltage Clamp and Reverse Blocking
MP5016H MPS-MP5016H Datasheet
1Mb / 17P
2.7 - 22V, 0.7 - 5A, Current Limit Switch with Over-Voltage Clamp and Reverse Block
MP5017 MPS-MP5017 Datasheet
735Kb / 17P
3V-.5.5V, 1A ??5A Current Limit Switch with Over-Voltage Clamp and Reverse Blocking in 2mmx3mm QFN Package
MP5018 MPS-MP5018 Datasheet
563Kb / 15P
5V, 1A-5A Current Limit Switch with Reverse Current Blocking and Output Over-voltage Clamp
logo
Littelfuse
LS1205EXD33 LITTELFUSE-LS1205EXD33 Datasheet
1Mb / 10P
18V, 5A eFuse with Programmable Current Limit and Output Voltage Clamp
GD. 09/20/22
logo
Kinetic Technologies.
KTS1688 KINETIC-KTS1688 Datasheet
405Kb / 11P
Low Resistance Load Switch with Current Limit Control and Over-Voltage Reverse Blocking Protection
September 2020 - Revision 04a
KTS1605 KINETIC-KTS1605 Datasheet
506Kb / 11P
5A Slew Rate Controlled Load Switch with Reverse Blocking
August 2020 - Revision 04e
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com