Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL89163 Datasheet (PDF) - Renesas Technology Corp

ISL89163 Datasheet PDF - Renesas Technology Corp
Part # ISL89163
Download  ISL89163 Download
File Size   464.3 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs

ISL89163 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL89163 Datasheet PDF - Renesas Technology Corp

Part # ISL89163
Download  ISL89163 Click to download

File Size   464.3 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs

ISL89163 Datasheet (HTML) - Renesas Technology Corp


ISL89163 Product details

• Dual output, 6A peak currents, can be paralleled
• Dual AND-ed input logic, (input and enable)
• Typical ON-resistance <1Ω
• Specified Miller plateau drive currents
• Very low thermal impedance (θJC = 3°C/W)
• Hysteretic Input logic levels for 3.3V CMOS, 5V
CMOS, TTL, and Logic levels proportional to VDD
• Precision threshold inputs for time delays with
external RC components
• 20ns rise and fall time driving a 10nF load.




Similar Part No. - ISL89163

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL89163 INTERSIL-ISL89163 Datasheet
338Kb / 15P
High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs
October 12, 2010
logo
Renesas Technology Corp
ISL89163 RENESAS-ISL89163 Datasheet
757Kb / 16P
High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs
logo
Intersil Corporation
ISL89163 INTERSIL-ISL89163 Datasheet
446Kb / 15P
High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs
September 30, 2015
ISL89163FBEAZ INTERSIL-ISL89163FBEAZ Datasheet
338Kb / 15P
High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs
October 12, 2010
logo
Renesas Technology Corp
ISL89163FBEAZ RENESAS-ISL89163FBEAZ Datasheet
757Kb / 16P
High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs
More results


Similar Description - ISL89163

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL89163 INTERSIL-ISL89163 Datasheet
338Kb / 15P
High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs
October 12, 2010
ISL89160 INTERSIL-ISL89160 Datasheet
258Kb / 14P
High Speed, Dual Channel, 6A, 4.5 to 16VOUT, Power MOSFET Driver
November 2, 2010
logo
Micrel Semiconductor
MIC44F18 MICREL-MIC44F18_11 Datasheet
757Kb / 17P
6A, 13V High Speed MOSFET Drivers with Enable Input
logo
Intersil Corporation
ISL89166 INTERSIL-ISL89166 Datasheet
420Kb / 13P
High Speed, Dual Channel, 6A, Power MOSFET Driver With Programmable Delays
January 14, 2011
logo
Microchip Technology
MCP14E9 MICROCHIP-MCP14E9 Datasheet
817Kb / 30P
3.0A Dual High-Speed Power MOSFET Driver With Enable
2011
MCP14E6 MICROCHIP-MCP14E6 Datasheet
877Kb / 30P
2.0A Dual High-Speed Power MOSFET Driver With Enable
2011
logo
Intersil Corporation
ISL89160 INTERSIL-ISL89160_11 Datasheet
377Kb / 13P
High Speed, Dual Channel, 6A, 4.5 to 16VOUT, Power MOSFET Driver
ISL89163 INTERSIL-ISL89163_15 Datasheet
446Kb / 15P
High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs
September 30, 2015
logo
Renesas Technology Corp
ISL89163 RENESAS-ISL89163 Datasheet
757Kb / 16P
High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs
ISL89166 RENESAS-ISL89166 Datasheet
685Kb / 14P
High Speed, Dual Channel, 6A, Power MOSFET Driver With Programmable Delays
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com