Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL91117 Datasheet (PDF) - Renesas Technology Corp

ISL91117 Datasheet PDF - Renesas Technology Corp
Part # ISL91117
Download  ISL91117 Download
File Size   788.25 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Efficiency Synchronous Boost Converter with 4.2A Switches and Output Disconnect

ISL91117 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL91117 Datasheet PDF - Renesas Technology Corp

Part # ISL91117
Download  ISL91117 Click to download

File Size   788.25 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Efficiency Synchronous Boost Converter with 4.2A Switches and Output Disconnect

ISL91117 Datasheet (HTML) - Renesas Technology Corp


ISL91117 Product details

• Input voltage range: 1.8V to 4.8V
• Adjustable output
• Output current: up to 1.5A (PVIN = 3.3V, VOUT = 5V)
• High efficiency: up to 96%
• 35μA quiescent current maximizes light-load efficiency
• True input-output disconnect when disabled
• 2.6MHz switching frequency minimizes external component size
• Selectable forced-PWM mode and external synchronization
• Fully protected for short-circuit, over-temperature and undervoltage
• Small 2.34mm×1.72mm WLCSP




Similar Part No. - ISL91117

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL91117 INTERSIL-ISL91117 Datasheet
528Kb / 12P
High Efficiency Synchronous Boost Converter with 4.2A Switches and Output Disconnect
March 7, 2014
logo
Renesas Technology Corp
ISL91117 RENESAS-ISL91117 Datasheet
806Kb / 12P
High Efficiency Synchronous Boost Converter with 4.2A Switches and Output Disconnect
logo
Intersil Corporation
ISL91117II7-EVZ INTERSIL-ISL91117II7-EVZ Datasheet
528Kb / 12P
High Efficiency Synchronous Boost Converter with 4.2A Switches and Output Disconnect
March 7, 2014
logo
Renesas Technology Corp
ISL91117II7-EVZ RENESAS-ISL91117II7-EVZ Datasheet
806Kb / 12P
High Efficiency Synchronous Boost Converter with 4.2A Switches and Output Disconnect
logo
Intersil Corporation
ISL91117II7Z-T INTERSIL-ISL91117II7Z-T Datasheet
528Kb / 12P
High Efficiency Synchronous Boost Converter with 4.2A Switches and Output Disconnect
March 7, 2014
More results


Similar Description - ISL91117

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
Low Iq Synchronous Boost Converter with Output Disconnect
PS0100 PICSEMI-PS0100 Datasheet
979Kb / 13P
600mA Synchronous Boost Converter with Output Disconnect
logo
Intersil Corporation
ISL91108 INTERSIL-ISL91108 Datasheet
387Kb / 9P
High Efficiency Buck-Boost Regulator with 4.2A Switches
November 12, 2014
ISL91117 INTERSIL-ISL91117 Datasheet
528Kb / 12P
High Efficiency Synchronous Boost Converter with 4.2A Switches and Output Disconnect
March 7, 2014
logo
Leshan Radio Company
LR8406 LRC-LR8406 Datasheet
618Kb / 22P
1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
LR8425 LRC-LR8425 Datasheet
164Kb / 7P
5A, 500KHz Synchronous Boost Converter with Output Disconnect
logo
Monolithic Power System...
MP28164 MPS-MP28164 Datasheet
1Mb / 20P
High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
logo
Renesas Technology Corp
ISL91108 RENESAS-ISL91108 Datasheet
577Kb / 9P
High Efficiency Buck-Boost Regulator with 4.2A Switches
ISL91117 RENESAS-ISL91117 Datasheet
806Kb / 12P
High Efficiency Synchronous Boost Converter with 4.2A Switches and Output Disconnect
logo
Shenzhen Huazhimei Semi...
HM7065 HMSEMI-HM7065 Datasheet
329Kb / 7P
5A, 500KHz Synchronous Boost Converter with Output Disconnect
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com