Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBAU108 Datasheet (PDF) - Lite-On Technology Corporation

EBAU108 Datasheet PDF - Lite-On Technology Corporation
Part # EBAU108
Download  EBAU108 Download
File Size   1852.78 Kbytes
Page   2 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description 8x EXTERNAL DVD/CD Writer

EBAU108 Datasheet (PDF)

Go To PDF Page Download Datasheet
EBAU108 Datasheet PDF - Lite-On Technology Corporation

Part # EBAU108
Download  EBAU108 Click to download

File Size   1852.78 Kbytes
Page   2 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description 8x EXTERNAL DVD/CD Writer

EBAU108 Datasheet (HTML) - Lite-On Technology Corporation


EBAU108 Product details

Product Features
●
●
●
●
●
●
●
The world’s lightest drive!
Weighing less than 220 grams, the eBAU108 is the
perfect DVD burner to match a small or ultra-light
notebook
Highly compact
Only 13.5mm high and a compact 140mm by 136mm it’s
about the size of a thick CD case, making it very easy to
carry
USB-powered, no adapter needed
Conveniently powered directly by the USB port, there’s
no need to carry bulky adapters or power cords
Modern, stylish design
Elegant beveled edges and simple lines complemented
with a fingerprint-resistant brushed finish
Plug and play simplicity
Just connect and use with all major operating systems
including Windows 8, Windows 7, Vista, XP, Linux, and
OS X
SMART Burn to maximize writing quality
Automatically adjusts how each disc is written to ensure
the best possible quality every time you burn a disc
SMART-X optimized read speed
Selects the perfect read speed to give you the best read
quality and quickest operation for the




Similar Part No. - EBAU108

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EBA-6YEB PANASONIC-EBA-6YEB Datasheet
196Kb / 2P
Surface Mount Chip Resistors
logo
Adam Technologies, Inc.
EBA-XX-D-BU-01 ADAM-TECH-EBA-XX-D-BU-01 Datasheet
71Kb / 1P
EURO BLOCK VERTICAL PCB TYPE
EBA-XX-M ADAM-TECH-EBA-XX-M Datasheet
66Kb / 1P
EURO BLOCK VERTICAL PCB TYPE
EBA-XX-X ADAM-TECH-EBA-XX-X Datasheet
71Kb / 1P
EURO BLOCK STRAIGHT MULTIPLE PITCHES
logo
LEMO Connectors
EBA.0R.310.ALM LEMO-EBA.0R.310.ALM Datasheet
67Kb / 3P
Socket / Receptacle - Fixed Panel Front Mounted
More results


Similar Description - EBAU108

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
logo
Sony Corporation
CXA2586M SONY-CXA2586M Datasheet
91Kb / 8P
PDIC for CD-ROM/DVD-ROM
logo
ATMEL Corporation
AT78C1503 ATMEL-AT78C1503 Datasheet
107Kb / 14P
DVD/CD Read Channel
logo
Samsung semiconductor
S5L1462B SAMSUNG-S5L1462B Datasheet
199Kb / 43P
CD and DVD playback
logo
List of Unclassifed Man...
ES3207 ETC-ES3207 Datasheet
72Kb / 4P
Video CD/DVD Companion Chip
logo
Rohm
BA5986FM ROHM-BA5986FM Datasheet
94Kb / 10P
CD-ROM / DVD BTL DRIVE
logo
ATMEL Corporation
AT78C1502 ATMEL-AT78C1502 Datasheet
76Kb / 9P
DVD/CD Servo
AT78C1501 ATMEL-AT78C1501 Datasheet
119Kb / 15P
DVD / CD ATAPI CONTROLLER
logo
NXP Semiconductors
SAA7818HL PHILIPS-SAA7818HL Datasheet
120Kb / 30P
DVD and CD playback IC
Rev. 03-25 November 2004
logo
List of Unclassifed Man...
DVSM-PC58U2V ETC2-DVSM-PC58U2V Datasheet
319Kb / 2P
8x Ultra-Slim Portable DVD Writer with LED indicator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com