Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53014 Datasheet (PDF) - Texas Instruments

TPS53014 Datasheet PDF - Texas Instruments
Part # TPS53014
Download  TPS53014 Download
File Size   714.73 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS53014 4.5-V to 28-V Input, D-CAP2™ synchronous buck controller

TPS53014 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS53014 Datasheet PDF - Texas Instruments

Part # TPS53014
Download  TPS53014 Click to download

File Size   714.73 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS53014 4.5-V to 28-V Input, D-CAP2™ synchronous buck controller

TPS53014 Datasheet (HTML) - Texas Instruments


TPS53014 Product details

1 Features
1• D-CAP2™ mode control
– Fast transient response
– No external parts required for loop
compensation
– Compatible with ceramic output capacitors
• High initial reference accuracy (±1%)
• Wide input voltage range: 4.5 V to 28 V
• Output voltage range: 0.77 V to 7.0 V
• Low-side RDS(on) loss-less current sensing
• Adjustable soft start
• Non-sinking pre-biased soft start
• 500-kHz Switching frequency
• Cycle-by-cycle overcurrent limiting control
• Auto-Skip Eco-ModeTM for High Efficiency at Light
load
• OCL/OVP/UVP/UVLO/TSD Protections
• Adaptive Gate Drivers with Integrated Boost
PMOS Switch
• Thermally Compensated OCP, 4000 ppm/°C
• 10 pin VSSOP

2 Applications
• Point-of-load regulation in low power systems for
wide range of applications
– Digital TV power supply
– Networking home terminal
– Digital set-top box (STB)
– DVD player / recorder
– Gaming consoles and other

3 Description
The TPS53014 is a single, adaptive on-time DCAP2
™ mode synchronous buck controller. The
TPS53014 enables system designers to complete the
suite of various end equipment's power bus
regulators with cost effective low external component
count and low standby current solution. The main
control loop for the TPS53014 uses the D-CAP2
mode control which provides a very fast transient
response with no external compensation
components. The Adaptive on-time control supports
seamless transition between PWM mode at higher
load condition and Eco-mode™ operation at light
load. Eco-mode allows the TPS53014 to maintain
high efficiency during lighter load conditions. The
TPS53014 is also able to adapt to both low
equivalent series resistance (ESR) output capacitors
such as POSCAP or SP-CAP and ultra-low ESR
ceramic capacitors. The device provides convenient
and efficient operation with input voltages from 4.5 V
to 28 V and output voltage from 0.77 V to 7 V.
The TPS53014 is available in the 3-mm × 3-mm 10-
pin VSSOP (DGS) package and is specified for an
ambient temperature range of –40°C to +85°C.




Similar Part No. - TPS53014

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53014 TI1-TPS53014 Datasheet
658Kb / 20P
Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53014DGS TI1-TPS53014DGS Datasheet
658Kb / 20P
Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53014DGSR TI1-TPS53014DGSR Datasheet
658Kb / 20P
Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53014 TI-TPS53014_15 Datasheet
857Kb / 21P
Single Synchronous Step-down Controller for Low Voltage Power Rails
More results


Similar Description - TPS53014

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40170 TI1-TPS40170_11 Datasheet
1Mb / 49P
4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
MARCH2011
TPS40170QRGYRQ1 TI-TPS40170QRGYRQ1 Datasheet
1Mb / 49P
4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_V01 Datasheet
1Mb / 30P
TPS56637 4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56837 TI-TPS56837 Datasheet
2Mb / 33P
TPS56837 4.5-V to 28-V Input, 8-A Synchronous Buck Converter
MARCH 2023
TPS56837 TI-TPS56837_V01 Datasheet
1Mb / 32P
TPS56837 4.5-V to 28-V Input, 8-A Synchronous Buck Converter
REVISED OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com