Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53211 Datasheet (PDF) - Texas Instruments

TPS53211 Datasheet PDF - Texas Instruments
Part # TPS53211
Download  TPS53211 Download
File Size   632.25 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single-Phase PWM Controller with Light-Load Efficiency Optimization

TPS53211 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS53211 Datasheet PDF - Texas Instruments

Part # TPS53211
Download  TPS53211 Click to download

File Size   632.25 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single-Phase PWM Controller with Light-Load Efficiency Optimization

TPS53211 Datasheet (HTML) - Texas Instruments


TPS53211 Product details

1FEATURES
• 1.5-V to 19-V Conversion Voltage Range
• 4.5-V to 14-V Supply Voltage Range
• Voltage Mode Control
• Skip Mode at Light Load for Efficiency
Optimization
• High Precision 0.5% Internal 0.8-V Reference
• Adjustable Output Voltage from 0.8 V to
0.7×V IN
• Internal Soft-Start
• Supports Pre-biased Startup
• Supports Soft-Stop
• Programmable Switching Frequency from
250 kHz to 1 MHz
• Overcurrent Protection
• Inductor DCR Sensing for Overcurrent
• RDS(on) Sensing for Zero Current Detection
• Overvoltage and Undervoltage Protection
• Open Drain Power Good Indication
• Internal Bootstrap Switch
• Integrated High-Current Drivers Powered by
VCCDR
• Small 3 mm x 3 mm, 16-Pin QFN Package

APPLICATIONS
• Server and Desktop Computer Subsystem
Power Supplies
• DDR Memory and Termination Supply
• Distributed Power Supply
• General DC/DC Converter

DESCRIPTION
TPS53211 is a single phase PWM controller with
integrated high-current drivers. It is used for 1.5 V up
to 19 V conversion voltage.
TPS53211 features a skip mode solution that
optimizes the efficiency at light load condition without
compromising the output voltage ripple. The device
provides pre-biased startup, soft-stop, integrated
bootstrap switch, power good function, EN/Input
UVLO protection. It supports conversion voltages up
to 19 V, and output voltages adjustable from 0.8 V to
0.7×VIN.
The TPS53211 is available in the 3 mm × 3 mm, 16-
pin, QFN package (Green RoHs compliant and Pb
free) and is specified from –40°C to 85°C.




Similar Part No. - TPS53211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53211 TI1-TPS53211 Datasheet
708Kb / 21P
Single-Phase PWM Controller with Light-Load Efficiency Optimization
TPS53211RGTR TI1-TPS53211RGTR Datasheet
708Kb / 21P
Single-Phase PWM Controller with Light-Load Efficiency Optimization
TPS53211RGTT TI1-TPS53211RGTT Datasheet
708Kb / 21P
Single-Phase PWM Controller with Light-Load Efficiency Optimization
TPS53211 TI-TPS53211_15 Datasheet
905Kb / 22P
Single-Phase PWM Controller with Light-Load Efficiency Optimization
More results


Similar Description - TPS53211

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6334 INTERSIL-ISL6334 Datasheet
559Kb / 30P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
February 26, 2008
logo
STMicroelectronics
L6738 STMICROELECTRONICS-L6738 Datasheet
787Kb / 32P
Single-phase PWM controller with light-load efficiency optimization
03-Nov-2010
logo
Intersil Corporation
ISL78220 INTERSIL-ISL78220 Datasheet
807Kb / 22P
6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
December 15, 2011
ISL78225 INTERSIL-ISL78225 Datasheet
985Kb / 21P
4-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
December 15, 2011
logo
Texas Instruments
TPS53211 TI1-TPS53211 Datasheet
708Kb / 21P
Single-Phase PWM Controller with Light-Load Efficiency Optimization
logo
Intersil Corporation
ISL78220ANEZ INTERSIL-ISL78220ANEZ Datasheet
782Kb / 22P
6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
December 24, 2013
logo
Texas Instruments
TPS53211 TI-TPS53211_15 Datasheet
905Kb / 22P
Single-Phase PWM Controller with Light-Load Efficiency Optimization
logo
Renesas Technology Corp
ISL78220 RENESAS-ISL78220 Datasheet
1Mb / 22P
6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
ISL78225 RENESAS-ISL78225 Datasheet
1Mb / 22P
4-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
logo
uPI Group Inc.
UP1539 UPI-UP1539 Datasheet
176Kb / 11P
Single Phase PWM Controller with Light-Load Efficiency Optimization
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com