Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53015DGS Datasheet (PDF) - Texas Instruments

TPS53015DGS Datasheet PDF - Texas Instruments
Part # TPS53015DGS
Download  TPS53015DGS Download
File Size   774.13 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS53015 4.5-V to 28-V Input, D-CAP2TM Synchronous Step-Buck Converter With PGOOD

TPS53015DGS Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS53015DGS Datasheet PDF - Texas Instruments

Part # TPS53015DGS
Download  TPS53015DGS Click to download

File Size   774.13 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS53015 4.5-V to 28-V Input, D-CAP2TM Synchronous Step-Buck Converter With PGOOD

TPS53015DGS Datasheet (HTML) - Texas Instruments


TPS53015DGS Product details

1 Features
1• D-CAP2™ mode control
– Fast transient response
– No external parts required for loop
compensation
– Compatible with ceramic output capacitors
• High initial reference accuracy (±1%)
• Wide input voltage 4.5 V to 28 V
• Output voltage 0.77 V to 7 V
• Low-side RDS(on) Loss-less current sensing
• Fixed soft-start time: 1.4 ms
• Non-sinking pre-biased soft start
• Switching frequency: 500 kHz
• Cycle-by-cycle overcurrent limiting control
• Auto-Skip Eco-Mode™ for high efficiency at light
load
• Power-good output
• OCL/OVP/UVP/UVLO/TSD protections
• Adaptive gate drivers with integrated boost PMOS
switch
• Thermally compensated OCP, 4000 ppm/°C
• 10-Pin VSSOP

2 Applications
• Point-of-load regulation in low power systems for
wide range of applications
– Digital TV power supply
– Networking home terminal
– Digital set top box (STB)
– DVD player / recorder
– Gaming consoles and other

3 Description
The TPS53015 device is a single, adaptive on-time
D-CAP2 ™ mode synchronous buck controller. The
device enables system designers to complete the
suite of various end equipment power bus regulators
with cost effective low external component count and
low standby current solution. The main control loop
for the TPS53015 uses the D-CAP2 mode control
which provides a very fast transient response with no
external compensation components. The adaptive ontime
control supports seamless transition between
PWM mode at higher load condition and Eco-mode™
operation at light load. Eco-mode operation allows the
device to maintain high efficiency during lighter load
conditions. The device is also able to adapt to both
low equivalent series resistance (ESR) output
capacitors such as POSCAP or SP-CAP and ultralow
ESR ceramic capacitors. The device provides
convenient and efficient operation with input voltages
from 4.5 V to 28 V and output voltage from 0.77 V to
7 V.
The TPS53015 is available in the 3-mm × 3-mm 10-
pin VSSOP (DGS) package and is specified for an
ambient temperature range of –40°C to 85°C.




Similar Part No. - TPS53015DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53015DGS TI-TPS53015DGS Datasheet
864Kb / 21P
Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53015DGSR TI-TPS53015DGSR Datasheet
864Kb / 21P
Single Synchronous Step-down Controller for Low Voltage Power Rails
More results


Similar Description - TPS53015DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56121 TI1-TPS56121 Datasheet
477Kb / 22P
4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56221 TI1-TPS56221 Datasheet
661Kb / 25P
4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121 TI1-TPS56121_14 Datasheet
1Mb / 34P
4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_V01 Datasheet
1Mb / 30P
TPS56637 4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56837 TI-TPS56837 Datasheet
2Mb / 33P
TPS56837 4.5-V to 28-V Input, 8-A Synchronous Buck Converter
MARCH 2023
TPS56837 TI-TPS56837_V01 Datasheet
1Mb / 32P
TPS56837 4.5-V to 28-V Input, 8-A Synchronous Buck Converter
REVISED OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com