Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54231 Datasheet (PDF) - Texas Instruments

TPS54231 Datasheet PDF - Texas Instruments
Part # TPS54231
Download  TPS54231 Download
File Size   977.13 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54231 2-A, 28-V Input, Step-Down DC-DC Converter With Eco-mode™

TPS54231 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54231 Datasheet PDF - Texas Instruments

Part # TPS54231
Download  TPS54231 Click to download

File Size   977.13 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54231 2-A, 28-V Input, Step-Down DC-DC Converter With Eco-mode™

TPS54231 Datasheet (HTML) - Texas Instruments


TPS54231 Product details

1 Features
1• 3.5- to 28-V Input Voltage Range
• Adjustable Output Voltage Down to 0.8 V
• Integrated 80-mΩ High-Side MOSFET Supports
up to 2 A Continuous Output Current
• High Efficiency at Light Loads with a Pulse
Skipping Eco-mode™
• Fixed 570-kHz Switching Frequency
• Typical 1-μA Shutdown Quiescent Current
• Adjustable Slow-Start Limits Inrush Currents
• Programmable UVLO Threshold
• Overvoltage Transient Protection by•
Cycle-by-Cycle Current Limit, Frequency Fold
Back and Thermal Shutdown Protection
• Available in Easy-to-Use SOIC8 Package
• Supported by WEBENCH® Software Tool
(www.TI.com/WEBENCH)

2 Applications
• Consumer Applications such as Set-Top Boxes,
CPE Equipment, LCD Displays, Peripherals, and
Battery Chargers
• Industrial and Car Audio Power Supplies
• 5-V, 12-V and 24-V Distributed Power Systems

3 Description
The TPS54231 device is a 2-V, 2-A non-synchronous
buck converter that integrates a low RDS(on) high-side MOSFET. To increase efficiency at light loads, a
pulse skipping Eco-mode™ feature is automatically
activated. Furthermore, the 1-μA shutdown supply
current allows the device to be used in battery
powered applications. Current mode control with
internal slope compensation simplifies the external
compensation calculations and reduces component
count while allowing the use of ceramic output
capacitors. A resistor divider programs the hysteresis
of the input undervoltage lockout. An overvoltage transient protection circuit limits voltage overshoots
during startup and transient conditions. A cycle-by•
cycle current limit scheme, frequency fold back and
thermal shutdown protect the device and the load in
the event of an overload condition. The TPS54231 device is available in an 8-pin SOIC package that has
been internally optimized to improve thermal
performance.




Similar Part No. - TPS54231

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54231 TI-TPS54231 Datasheet
794Kb / 23P
2A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODTM
TPS54231 TI-TPS54231 Datasheet
71Kb / 4P
SWIFT Converter Product Portfolio
TPS54231 TI1-TPS54231 Datasheet
767Kb / 31P
2-A, 28-V Input, Step-Down DC-DC Converter With Eco-mode
TPS54231 TI2-TPS54231 Datasheet
935Kb / 29P
3-A, 28-V INPUT, STEP-DOWN SWIFT™ DC/DC CONVERTER WITH Eco-Mode™
NOVEMBER 2010
TPS54231-Q1 TI2-TPS54231-Q1 Datasheet
990Kb / 29P
2-A, 28-V INPUT, STEP-DOWN DC/DC CONVERTER WITH ECO-MODE™
REVISED MARCH 2012
More results


Similar Description - TPS54231

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54233-Q1 TI1-TPS54233-Q1 Datasheet
782Kb / 25P
2-A, 28-V INPUT, STEP-DOWN DC/DC CONVERTER WITH ECO-MODE?
TPS54331-Q1 TI1-TPS54331-Q1 Datasheet
1Mb / 27P
3-A, 28-V INPUT, STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-Mode?
TPS54231 TI-TPS54231_15 Datasheet
667Kb / 31P
TPS54231 2-A, 28-V Input, Step-Down DC-DC Converter With Eco-mode?
TPS54232 TI-TPS54232_15 Datasheet
650Kb / 31P
TPS54232 2-A, 28-V, 1-MHz, Step-Down DC-DC Converter With Eco-Mode?
TPS54331 TI-TPS54331_15 Datasheet
1Mb / 36P
TPS54331 3-A, 28-V Input, Step Down DC-DC Converter With Eco-mode?
TPS54531 TI-TPS54531_15 Datasheet
1Mb / 32P
TPS54531 5-A, 28-V Input, Step-Down SWIFT??DC-DC Converter With Eco-mode?
TPS54231 TI1-TPS54231_16 Datasheet
767Kb / 31P
2-A, 28-V Input, Step-Down DC-DC Converter With Eco-mode
TPS54331 TI1-TPS54331_16 Datasheet
1Mb / 36P
TPS54331 3-A, 28-V Input, Step Down DC-DC Converter With Eco-mode
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54360B TI1-TPS54360B Datasheet
1Mb / 46P
60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com