Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54332-Q1 Datasheet (PDF) - Texas Instruments

TPS54332-Q1 Datasheet PDF - Texas Instruments
Part # TPS54332-Q1
Download  TPS54332-Q1 Download
File Size   990.16 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2-A, 28-V INPUT, STEP-DOWN DC/DC CONVERTER WITH ECO-MODE™

TPS54332-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54332-Q1 Datasheet PDF - Texas Instruments

Part # TPS54332-Q1
Download  TPS54332-Q1 Click to download

File Size   990.16 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2-A, 28-V INPUT, STEP-DOWN DC/DC CONVERTER WITH ECO-MODE™

TPS54332-Q1 Datasheet (HTML) - Texas Instruments


TPS54332-Q1 Product details

1FEATURES
2• Qualified for Automotive Applications
• AEC-Q100 Test Guidance With the Following
Results:
– Device Temperature Grade1: –40°C to
+125°C Ambient Operating Temperature
Range
– Device HBM ESD Classification Level H2
– Device CDM ESD Classification Level C3B
• 3.5 V to 28 V Input Voltage Range
• Adjustable Output Voltage Down to 0.8 V
• Integrated 80-mΩ High-Side MOSFET Supports
up to 2-A Continuous Output Current
• High Efficiency at Light Loads With a Pulse-
Skipping Eco-mode™
• Fixed 300-kHz Switching Frequency
• Typical 1 μA Shutdown Quiescent Current
• Adjustable Slow Start Limits Inrush Currents
• Programmable UVLO Threshold
• Overvoltage Transient Protection
• Cycle by Cycle Current Limit, Frequency Fold
Back and Thermal Shutdown Protection
• Available in the SOIC8 Package
• Supported by SwitcherPro™ Software Tool
(http://focus.ti.com/docs/toolsw/folders/print/s
witcherpro.html)

APPLICATIONS
• LCD Displays, Peripherals, and Battery
Chargers
• Car Audio Power Supplies
• 5V, 12V and 24V Distributed Power Systems

DESCRIPTION
The TPS54233-Q1 is a 28 V, 2 A non-synchronous
buck converter that integrates a low RDS(on) high side
MOSFET. To increase efficiency at light loads, a
pulse skipping Eco-mode™ feature is automatically
activated. Furthermore, the 1 μA shutdown supply
current allows the device to be used in battery
powered applications. Current mode control with
internal slope compensation simplifies the external
compensation calculations and reduces component
count while allowing the use of ceramic output
capacitors. A resistor divider programs the Hysteresis
of the input under-voltage lockout. An overvoltage
transient protection circuit limits voltage overshoots
during startup and transient conditions. A cycle by
cycle current limit scheme, frequency fold back and
thermal shutdown protect the device and the load in
the event of an overload condition. The TPS54233-
Q1 is available in an 8-pin SOIC package that has
been internally optimized to improve thermal
performance.




Similar Part No. - TPS54332-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54332 TI1-TPS54332 Datasheet
1Mb / 26P
3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode?
TPS54332 TI1-TPS54332 Datasheet
1Mb / 26P
3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode
TPS54332 TI-TPS54332 Datasheet
1Mb / 34P
TPS54332 3.5-A, 28-V, 1-MHz, Step-Down DC-DC Converter With Eco-Mode?
TPS54332 TI2-TPS54332 Datasheet
935Kb / 29P
3-A, 28-V INPUT, STEP-DOWN SWIFT™ DC/DC CONVERTER WITH Eco-Mode™
NOVEMBER 2010
TPS54332 TI2-TPS54332 Datasheet
1Mb / 35P
TPS54332 3.5-A, 28-V, 1-MHz, Step-Down DC/DC Converter With Eco-mode
REVISED SEPTEMBER 2023
More results


Similar Description - TPS54332-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54233-Q1 TI1-TPS54233-Q1 Datasheet
782Kb / 25P
2-A, 28-V INPUT, STEP-DOWN DC/DC CONVERTER WITH ECO-MODE?
TPS54331-Q1 TI1-TPS54331-Q1 Datasheet
1Mb / 27P
3-A, 28-V INPUT, STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-Mode?
TPS54231 TI-TPS54231_15 Datasheet
667Kb / 31P
TPS54231 2-A, 28-V Input, Step-Down DC-DC Converter With Eco-mode?
TPS54232 TI-TPS54232_15 Datasheet
650Kb / 31P
TPS54232 2-A, 28-V, 1-MHz, Step-Down DC-DC Converter With Eco-Mode?
TPS54331 TI-TPS54331_15 Datasheet
1Mb / 36P
TPS54331 3-A, 28-V Input, Step Down DC-DC Converter With Eco-mode?
TPS54531 TI-TPS54531_15 Datasheet
1Mb / 32P
TPS54531 5-A, 28-V Input, Step-Down SWIFT??DC-DC Converter With Eco-mode?
TPS54231 TI1-TPS54231_16 Datasheet
767Kb / 31P
2-A, 28-V Input, Step-Down DC-DC Converter With Eco-mode
TPS54331 TI1-TPS54331_16 Datasheet
1Mb / 36P
TPS54331 3-A, 28-V Input, Step Down DC-DC Converter With Eco-mode
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54360B TI1-TPS54360B Datasheet
1Mb / 46P
60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com