Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S96100-7R Datasheet (PDF) - Sealevel Systems, Inc.

S96100-7R Datasheet PDF - Sealevel Systems, Inc.
Part # S96100-7R
Download  S96100-7R Download
File Size   312.13 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description SeaPAC R9 7” Touchscreen Computer for Industrial Environments

S96100-7R Datasheet (PDF)

Go To PDF Page Download Datasheet
S96100-7R Datasheet PDF - Sealevel Systems, Inc.

Part # S96100-7R
Download  S96100-7R Click to download

File Size   312.13 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description SeaPAC R9 7” Touchscreen Computer for Industrial Environments

S96100-7R Datasheet (HTML) - Sealevel Systems, Inc.


S96100-7R Product details

Features
• 7” 300 nit TFT LCD with LED backlight
• Durable resistive touchscreen
• Atmel AT91SAM9G45 ARM® 400 MHz processor
• Includes 128MB SDRAM and 256MB flash memory
• (1) 10/100 BaseT Ethernet port
• (1) high-retention USB 2.0 host port
• (1) high-retention USB device Port
• (2) Isolated RS-485 serial ports via RJ45 connectors
• NEMA 4/IP65 front bezel
• 5 VDC input power via COM A port or Molex 2-pin connector
• Includes 100-240 VAC to 5 VDC @ 2.5 A (12.5 W) wall mount power
supply (Item# TR146)
• Microsoft Windows CE 6.0 R3 and low-level hardware drivers for
system I/O are factory installed
• Wide -30°C to 70°C operating temperature range
• ETL, CE, and FCC Class A ratings




Similar Part No. - S96100-7R

ManufacturerPart #DatasheetDescription
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
NTC thermistors for temperature sensing and compensation
logo
Hamamatsu Corporation
S9648-100 HAMAMATSU-S9648-100 Datasheet
274Kb / 3P
Plastic package shaped the same as metal package
S9648-200SB HAMAMATSU-S9648-200SB_15 Datasheet
210Kb / 5P
Photo IC diode
S9674 HAMAMATSU-S9674 Datasheet
63Kb / 2P
Si photodiode Suitable for lead-free solder reflow, operating/storage temperature: -40 to 125 째C
S9674 HAMAMATSU-S9674 Datasheet
311Kb / 3P
Suitable for lead-free solder refl ow, operating/storage temperature: -40 to 125 째C
More results


Similar Description - S96100-7R

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
803-008-AA2M5-3 GLENAIR-803-008-AA2M5-3 Datasheet
166Kb / 2P
Cordsets For Harsh Environments
logo
National Instruments Co...
NI9921 NI-NI9921 Datasheet
136Kb / 3P
Protection from harsh outdoor or industrial environments
logo
AAEON Technology
RTC-700T AAEON-RTC-700T Datasheet
1Mb / 2P
7??Rugged Tablet Computer
logo
List of Unclassifed Man...
L1630P ETC2-L1630P Datasheet
523Kb / 4P
Tough enough for industrial environments.
3187 ETC2-3187 Datasheet
83Kb / 1P
SmartiPi Touch - Stand for Raspberry Pi 7 Touchscreen Display
logo
Axiomtek Co., Ltd.
P6151PG-24VDC AXIOMTEK-P6151PG-24VDC Datasheet
292Kb / 3P
15 XGA TFT Industrial Touchscreen Monitor
P6151PR-24VDC-RS AXIOMTEK-P6151PR-24VDC-RS Datasheet
292Kb / 3P
15 XGA TFT Industrial Touchscreen Monitor
logo
EDA Technology Co.,LTD
ED-CM4IND10-0232-4C-I EDATEC-ED-CM4IND10-0232-4C-I Datasheet
2Mb / 5P
Industrial Computer for IoT, Industrial Control and Automation
CM4-SENSIGN EDATEC-CM4-SENSIGN Datasheet
1Mb / 31P
AN EMBEDDED COMPUTER DESIGNED FOR IOT AND INDUSTRIAL
2023-03-10
ED-IPC2000 EDATEC-ED-IPC2000 Datasheet
1Mb / 23P
Computer for industrial application scenarios based on
June 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com