Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM201WE3 Datasheet (PDF) - LG Semicon Co.,Ltd.

LM201WE3 Datasheet PDF - LG Semicon Co.,Ltd.
Part # LM201WE3_V01
Download  LM201WE3 Download
File Size   785.33 Kbytes
Page   29 Pages
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.
Description LM201WE3 is a Color Active Matrix Liquid Crystal Display with an integral Cold Cathode Fluorescent Lamp(CCFL) backlight system.

LM201WE3 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM201WE3 Datasheet PDF - LG Semicon Co.,Ltd.

Part # LM201WE3_V01
Download  LM201WE3 Click to download

File Size   785.33 Kbytes
Page   29 Pages
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.
Description LM201WE3 is a Color Active Matrix Liquid Crystal Display with an integral Cold Cathode Fluorescent Lamp(CCFL) backlight system.

LM201WE3 Datasheet (HTML) - LG Semicon Co.,Ltd.


LM201WE3 Product details

General Description
LM201WE3 is a Color Active Matrix Liquid Crystal Display with an integral Cold Cathode Fluorescent
Lamp(CCFL) backlight system. The matrix employs a-Si Thin Film Transistor as the active element.
It is a transmissive type display operating in the normally white mode. It has a 20.1 inch diagonally measured
active display area with WSXGA+ resolution (1050 vertical by 1680 horizontal pixel array)
Each pixel is divided into Red, Green and Blue sub-pixels or dots which are arranged in vertical stripes.
Gray scale or the brightness of the sub-pixel color is determined with a 8-bit gray scale signal for each dot,
thus, presenting a palette of more than 16,7M colors with A-FRC(Advanced Frame Rate Control).
It has been designed to apply the 8Bit 2 port LVDS interface.
It is intended to support displays where high brightness, super wide viewing angle,
high color saturation, and high color are important.




Similar Part No. - LM201WE3_V01

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
LM201WE3-TLJ1 LG-LM201WE3-TLJ1 Datasheet
722Kb / 29P
Liquid Crystal Display WSXGA TFT LCD
LM201WE3-TLJ3 LG-LM201WE3-TLJ3 Datasheet
722Kb / 29P
Liquid Crystal Display WSXGA TFT LCD
More results


Similar Description - LM201WE3_V01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
LTM170EU-L01 SAMSUNG-LTM170EU-L01 Datasheet
850Kb / 24P
COLOR ACTIVE MATRIX TFT LIQUID CRYSTAL DISPLAY
LTM170E4 SAMSUNG-LTM170E4 Datasheet
992Kb / 23P
COLOR ACTIVE MATRIX TFT LIQUID CRYSTAL DISPLAY
LTN141P1-L01 SAMSUNG-LTN141P1-L01 Datasheet
121Kb / 6P
color active matrix TFT liquid crystal display
LTM170EU-L11 SAMSUNG-LTM170EU-L11 Datasheet
746Kb / 24P
Color Active Matrix TFT Liquid crystal display
logo
LG Semicon Co.,Ltd.
LM150X05 LG-LM150X05 Datasheet
368Kb / 27P
COLOR ACTIVE MATRIX LIQUID CRYSTAL DISPLAY
logo
Samsung semiconductor
LTM240M2-L02 SAMSUNG-LTM240M2-L02 Datasheet
323Kb / 35P
color active matrix liquid crystal display
logo
AU Optronics Corp.,
B154EW02 AUO-B154EW02 Datasheet
612Kb / 35P
Color Active Matrix Liquid Crystal Display
B156XTK01.0 AUO-B156XTK01.0 Datasheet
1Mb / 40P
Color Active Matrix Liquid Crystal Display
B156XW01 AUO-B156XW01 Datasheet
488Kb / 35P
Color Active Matrix Liquid Crystal Display
B170PW03 AUO-B170PW03 Datasheet
608Kb / 35P
Color Active Matrix Liquid Crystal Display
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com