Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

760804 Datasheet (PDF) - Lapp.

760804 Datasheet PDF - Lapp.
Part # 760804
Download  760804 Download
File Size   637.81 Kbytes
Page   1 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description Reduced-Diameter VFD Cable; 600V/1000V; UL & c(UL) TC-ER Approval

760804 Datasheet (PDF)

Go To PDF Page Download Datasheet
760804 Datasheet PDF - Lapp.

Part # 760804
Download  760804 Click to download

File Size   637.81 Kbytes
Page   1 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description Reduced-Diameter VFD Cable; 600V/1000V; UL & c(UL) TC-ER Approval

760804 Datasheet (HTML) - Lapp.


760804 Product details

Recommended Applications
VFD drive and motor applications; web presses; HVAC; conveyors; any on/off, slow down/speed up applications using VFD drives and motors

Application Advantage
• Lapp Surge Guard insulation protection
• UL TC-ER & c(UL) CIC/TC approved
• Double shielded for extra protection
• Resistant to a wide range of disinfecting solutions used in the food, beverage, chemical and related industries, according to ECOLAB® PM 40-1 test procedure




Similar Part No. - 760804

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
760804110 WURTH-760804110 Datasheet
515Kb / 5P
WE-PFC PFC Choke
760804111 WURTH-760804111 Datasheet
486Kb / 5P
WE-PFC PFC Choke
760804310 WURTH-760804310 Datasheet
484Kb / 5P
WE-PFC PFC Choke
More results


Similar Description - 760804

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK140-2-R ASSMANN-AK140-2-R Datasheet
220Kb / 1P
CABLE : NON-UL 28AWG
logo
Amphenol Corporation
CL-11 AMPHENOL-CL-11 Datasheet
68Kb / 4P
UL Approval (UL 1434 File# E82830)
logo
SUN HOLD ELECTRIC INC
RAS-0310AL1 SUNHOLD-RAS-0310AL1 Datasheet
1Mb / 4P
UL,CUL & TUV safety approval.
logo
HARTING Technology Grou...
09-36-516-2602 HARTING-09-36-516-2602 Datasheet
460Kb / 2P
Han 16Ex-UL-M-C Inserts
09-36-524-2602 HARTING-09-36-524-2602 Datasheet
468Kb / 2P
Han 24Ex UL-M-c Inserts
09-14-002-3103 HARTING-09-14-002-3103 Datasheet
462Kb / 2P
Han 40A crimp module, female UL 1000V
09-14-002-3003 HARTING-09-14-002-3003 Datasheet
460Kb / 2P
Han 40A crimp module, male For UL 1000V
logo
Marathon Special Produc...
134X516 MARATHON-134X516 Datasheet
567Kb / 4P
600V per UL 1953
09/25/23
logo
Belden Inc.
U03122 BELDEN-U03122 Datasheet
145Kb / 2P
TC-ER XLPE/LSZH, 3 C #12 Str BC, XLPE Ins E2, Blk LSZH Jkt, 600V TC-ER 90C Dry/Wet SUN RES
04-14-2023
28611A BELDEN-28611A Datasheet
158Kb / 2P
TC VN/PVC, 25 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER TC VN/PVC, 25 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com