Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4510061 Datasheet (PDF) - Lapp.

4510061 Datasheet PDF - Lapp.
Part # 4510061
Download  4510061 Download
File Size   476.01 Kbytes
Page   6 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description H05V-K

4510061 Datasheet (PDF)

Go To PDF Page Download Datasheet
4510061 Datasheet PDF - Lapp.

Part # 4510061
Download  4510061 Click to download

File Size   476.01 Kbytes
Page   6 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description H05V-K

4510061 Datasheet (HTML) - Lapp.


4510061 Product details

Application range
Internal wiring of devices
Protected installation in and on lighting equipments
Signal systems in and on plaster in tubes

Product features
Flame-retardant according IEC 60332-1-2
Spool: d1 = 18 mm; d2 = 200 mm; b = 85 mm




Similar Part No. - 4510061

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
45100/15 ALPHAWIRE-45100/15 Datasheet
98Kb / 4P
Customer Specification
12/5/2022
45100/20 ALPHAWIRE-45100/20 Datasheet
99Kb / 4P
Customer SpecificationS
12/13/2022
45100/25 ALPHAWIRE-45100/25 Datasheet
94Kb / 5P
Customer Specification
1/5/2023
logo
List of Unclassifed Man...
4510002 ETC2-4510002 Datasheet
57Kb / 1P
Di (2?릂thylhexyl) phthalate (DEHP) Also known as Di?릓ctyl phthalate (DOP)
logo
Alpha Wire
4510015 ALPHAWIRE-4510015 Datasheet
98Kb / 4P
Customer Specification
12/5/2022
More results


Similar Description - 4510061

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
MN-PK SHIELD-MN-PK Datasheet
86Kb / 1P
PVC, HAR approved
logo
List of Unclassifed Man...
09120053101 ETC2-09120053101 Datasheet
642Kb / 1P
Har - bus 64
17051332201 ETC2-17051332201 Datasheet
177Kb / 1P
har-bus짰 HM male connector
U4180404 ETC2-U4180404 Datasheet
914Kb / 1P
HAR Hook-up Wire
logo
HARTING Technology Grou...
02-09-500-1029 HARTING-02-09-500-1029 Datasheet
449Kb / 1P
har-modular fixing rail 147.22
02-09-500-1028 HARTING-02-09-500-1028 Datasheet
449Kb / 1P
har-modular fixing rail 142.14
02-09-500-1007 HARTING-02-09-500-1007 Datasheet
448Kb / 1P
har-modular fixing rail 35.46
02-09-500-1006 HARTING-02-09-500-1006 Datasheet
448Kb / 1P
har-modular fixing rail 30.38
02-09-500-0002 HARTING-02-09-500-0002 Datasheet
472Kb / 1P
har-modular assembling aid
02-09-500-1020 HARTING-02-09-500-1020 Datasheet
447Kb / 1P
har-modular fixing rail 101.50
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com