Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAS143 Datasheet (PDF) - Sumida Corporation

CAS143 Datasheet PDF - Sumida Corporation
Part # CAS143
Download  CAS143 Download
File Size   89.55 Kbytes
Page   1 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description 11.55횞3.3mm Max.(L횞W),3.55mm Max. Height

CAS143 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAS143 Datasheet PDF - Sumida Corporation

Part # CAS143
Download  CAS143 Click to download

File Size   89.55 Kbytes
Page   1 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description 11.55횞3.3mm Max.(L횞W),3.55mm Max. Height

CAS143 Datasheet (HTML) - Sumida Corporation




Similar Part No. - CAS143

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CAS14D26 SUMIDA-CAS14D26 Datasheet
204Kb / 1P
Transponder RX antenna< SMD Type: CAS Series>
More results


Similar Description - CAS143

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CAS19D17C SUMIDA-CAS19D17C Datasheet
31Kb / 1P
19.0횞5.3mm Max.(L횞W),1.9mm Max. Height
CAS11D28 SUMIDA-CAS11D28 Datasheet
198Kb / 1P
11.6횞3.5mm Max.(L횞W),2.95mm Max. Height
CAS11D21 SUMIDA-CAS11D21 Datasheet
201Kb / 1P
11.6횞3.3mm Max.(L횞W),2.3mm Max. Height
CAS113 SUMIDA-CAS113 Datasheet
84Kb / 1P
11.55횞3.3mm Max.(L횞W),3.55mm Max. Height
BM-6N SUMIDA-BM-6N Datasheet
220Kb / 1P
6.5횞6.5mm Max.(L횞W),5.5mm Max. Height
BM8290 SUMIDA-BM8290 Datasheet
208Kb / 1P
9.25횞8.05mm Max.(L횞W),8.85mm Max. Height.
BM8090N SUMIDA-BM8090N Datasheet
213Kb / 1P
7.3횞7.3mm Max.(L횞W),7.5mm Max. Height
BM8090 SUMIDA-BM8090 Datasheet
211Kb / 1P
8.5횞8.5mm Max.(L횞W),9.5mm Max. Height
BM2015 SUMIDA-BM2015 Datasheet
37Kb / 1P
21.0횞10.5mm Max.(L횞W),15.5mm Max. Height.
BM2014 SUMIDA-BM2014 Datasheet
214Kb / 1P
19.5횞9.5mm Max.(L횞W),14.5mm Max. Height
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com