Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5101 Datasheet (PDF) - Injoinic Technology Co.,Ltd.

IP5101 Datasheet PDF - Injoinic Technology Co.,Ltd.
Part # IP5101
Download  IP5101 Download
File Size   615.91 Kbytes
Page   14 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description Fully-integrated power bank System-On-Chip with 1.2A charger, 1.0A boost converter

IP5101 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP5101 Datasheet PDF - Injoinic Technology Co.,Ltd.

Part # IP5101
Download  IP5101 Click to download

File Size   615.91 Kbytes
Page   14 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description Fully-integrated power bank System-On-Chip with 1.2A charger, 1.0A boost converter

IP5101 Datasheet (HTML) - Injoinic Technology Co.,Ltd.


IP5101 Product details

Features
 Synchronous switching charger and synchronous
boost converter
 1.2A synchronous switching charger, 1.0A
synchronous boost converter
 boost converter efficiency up to 91%
 Switching charger efficiency up to 93%
 Integrated power-path management,
charging batteries and charging cellphones
at the same time
 Charger
 Adaptive charging current control, excellent
adapter compatibility
 Support 4.20V,4.30V,4.35V,4.40V batteries
 Power display
 Supports 4/3/2/1 LEDs indicator
 Fully featured
 Integrated Key ON/OFF
 Integrated flashlight controller
 Integrated cellphone plug-in and plug-out
detector
 Low power
 Smart load detector, switching to standby
mode automatically
 <100 µA standby current
 Ultra simplified BOM
 Integrated power FET, charging/boosting
with a single inductor
 Multiple protections, high reliability
 Output over-current, over-voltage,
short-circuit protection
 Input over-voltage, over-current, battery
over-charge, over-drain, over-current
protection
 Thermal regulation and thermal shutdown,

2 Applications
 Power bank, Portable Charger
 Mobile Phones, Smart Phones, Handheld Devices,

3 Description
IP5305T is a highly-integrated multi-function
power management SOOC. It integrates a boost
converter, a Li battery charger management system
and a battery state of charge indicate controller. It
provides a turn-key solution for power bank and
portable charger applications.
IP5305T’s high integration and rich features make
the minimized component number in application. It
can effectively downsize the application and lower the
BOM cost.
IP5305T only needs a single inductor to realize
step-down and step-up.
IP5305T's synchronous boost system provides
1.0A output current with a conversion efficiency as
high as 91%. When no-load, it automatically enters
the sleep state, and the quiescent current drops to
100uA. +
IP5305T adopts switch charging technology,
provides 1.2A current, and the charging efficiency is as
high as 92%. Built-in IC temperature and input voltage
intelligently adjust the charging current.
IP5305T supports 1, 2, 3, 4 LED power display.
IP5305T is available in ESOP8 package.




Similar Part No. - IP5101

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP5101 INJOINIC-IP5101 Datasheet
839Kb / 14P
2A/1A charging, 2 A discharge high integration mobile power SoC
IP5101 INJOINIC-IP5101 Datasheet
1Mb / 9P
1. 5A Charging 1.5 A(max) Discharge Highly Integrated Mobile Power SOC
IP5101 INJOINIC-IP5101 Datasheet
911Kb / 13P
Fully-integrated power bank System-On-Chip with 1.2A charger, 1.0A boost converter
V1.0
More results


Similar Description - IP5101

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC802 SEMTECH-SC802 Datasheet
748Kb / 16P
Fully Integrated Lithium-Ion Battery Charger System with Timer
SC804 SEMTECH-SC804 Datasheet
536Kb / 21P
Fully Integrated Lithium-Ion Battery Charger System with Timer
SC804A SEMTECH-SC804A Datasheet
539Kb / 21P
Fully Integrated 4.4V Lithium-Ion Battery Charger System with Timer
SC802 SEMTECH-SC802_08 Datasheet
639Kb / 18P
Fully Integrated Lithium-Ion Battery Charger System with Timer
logo
Texas Instruments
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
10-A Fully-Integrated Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5168 HMSEMI-HM5168 Datasheet
1Mb / 19P
20V, 14A fully integrated synchronous boost converter
HM5902 HMSEMI-HM5902 Datasheet
3Mb / 15P
Power Bank IC with 1A Linear Charger and 1.2A Boost Converter
logo
NXP Semiconductors
MC34SB0410 NXP-MC34SB0410 Datasheet
1Mb / 54P
Fully integrated quad valve controller system on chip
Rev. 3.0, 8/2016
MC34SB0800 NXP-MC34SB0800 Datasheet
1Mb / 68P
Fully integrated octal valve controller system on chip
Rev. 3.0, 8/2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com