Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA210030 Datasheet (PDF) - Renesas Technology Corp

RAA210030 Datasheet PDF - Renesas Technology Corp
Part # RAA210030
Download  RAA210030 Download
File Size   3348.3 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5V, 3A Step-Down DC/DC Mini Module with Integrated Inductor

RAA210030 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA210030 Datasheet PDF - Renesas Technology Corp

Part # RAA210030
Download  RAA210030 Click to download

File Size   3348.3 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5V, 3A Step-Down DC/DC Mini Module with Integrated Inductor

RAA210030 Datasheet (HTML) - Renesas Technology Corp


RAA210030 Product details

▪ 3A complete power supply
• Integrates controller, gate driver, MOSFETs, and
inductor
▪ 2.7V to 5.5V input voltage range
▪ Adjustable output voltage
• As low as 0.6V with ±1.5% accuracy over line,
load, and temperature
• Up to 95% efficiency
▪ Default 2MHz current mode control operation
• 500kHz to 4MHz resistor adjustable
• External synchronization up to 4MHz
• 100% duty cycle
▪ Dedicated enable pin and power-good flag
▪ Internal 1ms soft-start time
▪ Selectable PFM or FPWM mode
▪ Soft-stop output discharge
▪ UVLO, OCP, negative OCP, OVP, and OTP
• OCP/Short-Circuit Protection (SCP) hiccup mode
▪ Compact RoHS compliant 3mm×3mm×1.08mm
(1.15mm Max) 10 lead dual flat embedded
laminate package




Similar Part No. - RAA210030

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA210030 RENESAS-RAA210030 Datasheet
3Mb / 27P
5V, 3A Step-Down DC/DC Mini Module with Integrated Inductor
Jun 15, 2022
More results


Similar Description - RAA210030

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPM3606A MPS-MPM3606A Datasheet
1Mb / 23P
21V/0.6A DC/DC Module Synchronous Step-Down Converter with Integrated Inductor
MPM3610A MPS-MPM3610A Datasheet
805Kb / 23P
21V/1.2A DC/DC Module Synchronous Step-Down Converter with Integrated Inductor
MPM3630 MPS-MPM3630 Datasheet
1Mb / 20P
18V/3A DC/DC Module Synchronous Step-Down Regulator with Integrated Inductor
logo
Maxim Integrated Produc...
MAXM17574 MAXIM-MAXM17574 Datasheet
1Mb / 21P
4.5V to 60V, 3A High-Efficiency, DC-DC Step-Down Power Module with Integrated Inductor
Rev 1; 9/17
logo
Intel Corporation
EN6340QI INTEL-EN6340QI Datasheet
2Mb / 28P
Step-Down DC-DC Switching Converter with Integrated Inductor
logo
Maxim Integrated Produc...
MAXM17537 MAXIM-MAXM17537 Datasheet
860Kb / 21P
4.5V to 60V, 3A High-Efficiency, DC-DC Step-Down SiP Power Module with Integrated Inductor
Rev 0; 7/19
logo
Intel Corporation
EN6363QI INTEL-EN6363QI Datasheet
1Mb / 28P
Step-Down DC-DC Switching Converter with Integrated Inductor
July 19, 2017 Rev A
logo
Maxim Integrated Produc...
MAXM17574 MAXIM-MAXM17574_V01 Datasheet
1Mb / 22P
4.5V to 60V, 3A High-Efficiency, DC-DC Step-Down Power Module with Integrated Inductor
2019
logo
Renesas Technology Corp
RAA210030 RENESAS-RAA210030 Datasheet
3Mb / 27P
5V, 3A Step-Down DC/DC Mini Module with Integrated Inductor
Jun 15, 2022
RAA210040 RENESAS-RAA210040 Datasheet
999Kb / 25P
5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor
Apr 13, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com