Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA306012 Datasheet (PDF) - Renesas Technology Corp

RAA306012 Datasheet PDF - Renesas Technology Corp
Part # RAA306012
Download  RAA306012 Download
File Size   1184.66 Kbytes
Page   64 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3-Phase Smart Gate Driver

RAA306012 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA306012 Datasheet PDF - Renesas Technology Corp

Part # RAA306012
Download  RAA306012 Click to download

File Size   1184.66 Kbytes
Page   64 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3-Phase Smart Gate Driver

RAA306012 Datasheet (HTML) - Renesas Technology Corp


RAA306012 Product details

• Operating power supply voltage:
-VBRIDGE: 6V to 65V (78V abs max)
-VM: 6V to 60V (65V abs max)
• Operating ambient temperature: -40°C to 125°C
• 3-Phase gate drivers for BLDC application
-Switching frequency range up to 200kHz
-Peak 0.64A/1.28A source/sink current with 16
adjustable drive strength through SPI interface
-Adaptive and adjustable dead time
• Flexible configuration for gate driver
- 3-phase HI/LI mode and 3-phase PWM mode
- Input control signal configuration
-Support half-bridge, full-bridge configuration
• Fully integrated power supply architecture
- Two VCC LDOs allow for Sleep mode low IQ
- 500mA buck switching regulator generates drive
voltage (5V to 15V adjustable)
- 100mA adjustable output LDO for MCU supplies
• Three accurate differential amplifiers
- Four levels of sense gain setting
-Supports DC offset calibration during power-up
and on-the-fly
• BEMF sense amplifier for sensorless motor drive
• Three comparators for hall sensor motor drive
• Integrated protection features




Similar Part No. - RAA306012

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA3064002GFP RENESAS-RAA3064002GFP Datasheet
827Kb / 59P
CMOS ICs Resolver-to-Digital Converters
Apr 05, 2021
RAA3064003GFP RENESAS-RAA3064003GFP Datasheet
827Kb / 59P
CMOS ICs Resolver-to-Digital Converters
Apr 05, 2021
More results


Similar Description - RAA306012

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2334SPBF IRF-IRS2334SPBF Datasheet
734Kb / 33P
3 PHASE GATE DRIVER HVIC
IRS2334PBF IRF-IRS2334PBF_15 Datasheet
734Kb / 33P
3 PHASE GATE DRIVER HVIC
logo
Texas Instruments
DRV8304 TI1-DRV8304 Datasheet
798Kb / 58P
38-V 3-Phase Smart Gate Driver
DRV8304 TI1-DRV8304_18 Datasheet
2Mb / 63P
38-V 3-Phase Smart Gate Driver
DRV8350 TI1-DRV8350 Datasheet
2Mb / 87P
100-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350_19 Datasheet
3Mb / 90P
100-V Three-Phase Smart Gate Driver
DRV8350_1903 TI1-DRV8350_1903 Datasheet
3Mb / 91P
100-V Three-Phase Smart Gate Driver
DRV8304 TI1-DRV8304_V01 Datasheet
2Mb / 65P
DRV8304 38-V 3-Phase Smart Gate Driver
logo
Infineon Technologies A...
IMD70XA INFINEON-IMD70XA Datasheet
8Mb / 155P
BLDC Integrated Controller and Smart 3 Phase Gate Driver
Revision v1.00 2022-04-11
logo
Renesas Technology Corp
RAA227063 RENESAS-RAA227063 Datasheet
3Mb / 74P
4.5V to 60V 3-Phase Smart Gate Driver
Aug 5, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com