Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7389TRPBF-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

IRF7389TRPBF-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # IRF7389TRPBF-TP
Download  IRF7389TRPBF-TP Download
File Size   4064.5 Kbytes
Page   10 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description N&P-Channel Complementary MOSFET

IRF7389TRPBF-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7389TRPBF-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # IRF7389TRPBF-TP
Download  IRF7389TRPBF-TP Click to download

File Size   4064.5 Kbytes
Page   10 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description N&P-Channel Complementary MOSFET

IRF7389TRPBF-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


IRF7389TRPBF-TP Product details

General Features

«+ N-Channel

© Vos=30V. o=B.0A
Rosny =17m0@ Vos=10V
Rosco =24m0@Vos=4 5V

+ P-Channel

* Vos=-30V,Ip=-6A
Rosn =40mQ @Ves=-10V
Rosco =60mQ @Vos=-45V

«High Power and current handing capabilly

«Lead ree products acquired

« Surace Mount Package

Application

« PWM appications

«DC motor




Similar Part No. - IRF7389TRPBF-TP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
Generation V Technology
logo
BYCHIP ELECTRONICS CO.,...
IRF7389TRPBF BYCHIP-IRF7389TRPBF Datasheet
1Mb / 8P
N-Channel and P-Channel Enhancement Mode Power MOSFET
v1.0
More results


Similar Description - IRF7389TRPBF-TP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDY4000CZ FAIRCHILD-FDY4000CZ Datasheet
451Kb / 9P
Complementary N & P-Channel PowerTrench MOSFET
FDY4001CZ FAIRCHILD-FDY4001CZ Datasheet
366Kb / 9P
Complementary N & P-Channel PowerTrench MOSFET
logo
Advanced Linear Devices
ALD1115 ALD-ALD1115 Datasheet
66Kb / 6P
COMPLEMENTARY N-CHANNEL AND P-CHANNEL MOSFET
logo
Vishay Siliconix
SI4501BDY VISHAY-SI4501BDY Datasheet
277Kb / 15P
Complementary (N- and P-Channel) MOSFET
14-Feb-11
logo
Vishay Telefunken
SI4501BD TFUNK-SI4501BD Datasheet
279Kb / 15P
Complementary (N- and P-Channel) MOSFET
logo
MagnaChip Semiconductor...
MDS9651 MGCHIP-MDS9651 Datasheet
1Mb / 9P
Complementary N-P Channel Trench MOSFET
MDS9652E MGCHIP-MDS9652E Datasheet
1Mb / 9P
Complementary N-P Channel Trench MOSFET
logo
Taiwan Semiconductor Co...
TSM8588CS TSC-TSM8588CS Datasheet
469Kb / 9P
Complementary N & P-Channel Power MOSFET
logo
Shenzhen Huazhimei Semi...
HM607K HMSEMI-HM607K Datasheet
724Kb / 9P
N&P-Channel V Complementary MOSFET
logo
Vishay Siliconix
SI4501ADY VISHAY-SI4501ADY_V01 Datasheet
137Kb / 9P
Complementary (N- and P-Channel) MOSFET
18-May-09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com