Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA11226MP Datasheet (PDF) - Hitachi Semiconductor

HA11226MP Datasheet PDF - Hitachi Semiconductor
Part # HA11226MP
Download  HA11226MP Download
File Size   85.87 Kbytes
Page   1 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dolby-B Type Noise Reduction System

HA11226MP Datasheet (PDF)

Go To PDF Page Download Datasheet
HA11226MP Datasheet PDF - Hitachi Semiconductor

Part # HA11226MP
Download  HA11226MP Click to download

File Size   85.87 Kbytes
Page   1 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dolby-B Type Noise Reduction System

HA11226MP Datasheet (HTML) - Hitachi Semiconductor


HA11226MP Product details

■Features
●Built-in 2-channel Dolby processor.
●Switchable between recording and playback.
●Built-in line amplifier (Gv=20dB)

Features
The high Dolby level of 775mV makes it ideal for deck systems.

High signal-to-noise ratio: 80 dB typical (recording mode)

Excellent recording and playback matching and left/right channel balance.




Similar Part No. - HA11226MP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA11226 ETC2-HA11226 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Similar Description - HA11226MP

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2085 NJRC-NJM2085 Datasheet
160Kb / 4P
PREAMPLIFIER AND DOLBY B TYPE NOISE REDUCTION SYSTEM
logo
Sony Corporation
CXA1100P SONY-CXA1100P Datasheet
473Kb / 15P
DOLBY B TYPE NOISE REDUCTION SYSTEM
CXA1330S SONY-CXA1330S Datasheet
381Kb / 18P
DOLBY B/C TYPE NOISE REDUCTION SYSTEM
CXA1550P SONY-CXA1550P Datasheet
232Kb / 16P
Dolby B type Noise Reduction System
CXA1560S SONY-CXA1560S Datasheet
347Kb / 18P
Dolby B-C Type Noise Reduction System
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
Dolby B-Type Noise Reduction System
HA12141NT HITACHI-HA12141NT Datasheet
392Kb / 63P
Dolby B- and C-Type Noise Reduction System
12136AF HITACHI-12136AF Datasheet
101Kb / 27P
Dolby B-Type Noise Reduction System
logo
Sony Corporation
CX20188 SONY-CX20188 Datasheet
1Mb / 22P
DOLBY B-C TYPE NOISE REDUCTION SYSTEM
logo
NTE Electronics
NTE2000 NTE-NTE2000 Datasheet
82Kb / 2P
Integrated Circuit Dolby B Type Noise Reduction System
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com