Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS12B Datasheet (PDF) - Multicomp Pro

SS12B Datasheet PDF - Multicomp Pro
Part # SS12B
Download  SS12B Download
File Size   301.77 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Surface Mount Schottky Barrier Rectifiers

SS12B Datasheet (PDF)

Go To PDF Page Download Datasheet
SS12B Datasheet PDF - Multicomp Pro

Part # SS12B
Download  SS12B Click to download

File Size   301.77 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Surface Mount Schottky Barrier Rectifiers

SS12B Datasheet (HTML) - Multicomp Pro


SS12B Product details

Features
• Low profile package
• Ideal for automated placement
• Ultrafast reverse recovery time
• Low power losses, high efficiency
• Low forward voltage drop
• High surge capability
• High temperature soldering: 260°C/10 seconds at terminals

Description
Schottky Rectifier, 20V, 1A, DO-214AA (SMB), 2 Pins




Similar Part No. - SS12B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SS12B LUGUANG-SS12B Datasheet
181Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SS12B DSK-SS12B Datasheet
185Kb / 2P
SURFACE MOUNT SCHOTTKY
logo
Jiangsu High diode Semi...
SS12B HDSEMI-SS12B Datasheet
1Mb / 4P
SMB Plastic-Encapsulate Diodes
logo
Shanghai Leiditech Elec...
SS12B LEIDITECH-SS12B Datasheet
363Kb / 3P
Schottkyre ctifier
More results


Similar Description - SS12B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com