Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54350PWPRG4 Datasheet (PDF) - Texas Instruments

TPS54350PWPRG4 Datasheet PDF - Texas Instruments
Part # TPS54350PWPRG4
Download  TPS54350PWPRG4 Download
File Size   813.4 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT™)

TPS54350PWPRG4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54350PWPRG4 Datasheet PDF - Texas Instruments

Part # TPS54350PWPRG4
Download  TPS54350PWPRG4 Click to download

File Size   813.4 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT™)

TPS54350PWPRG4 Datasheet (HTML) - Texas Instruments


TPS54350PWPRG4 Product details

FEATURES
100 mΩ, 4.5-A Peak MOSFET Switch for High
Efficiency at 3-A Continuous Output Current
Uses External Lowside MOSFET or Diode
Output Voltage Adjustable Down to 0.891 V
With 1% Accuracy
Synchronizes to External Clock
180 Out of Phase Synchronization
Wide PWM Frequency − Fixed 250 kHz,
500 kHz or Adjustable 250 kHz to 700 kHz
Internal Slow Start
Load Protected by Peak Current Limit and
Thermal Shutdown
Adjustable Undervoltage Lockout
16-Pin TSSOP PowerPAD Package

APPLICATIONS
Industrial & Commercial Low Power Systems
LCD Monitors and TVs
Computer Peripherals
Point of Load Regulation for High
Performance DSPs, FPGAs, ASICs and
Microprocessors

DESCRIPTION
The TPS54350 is a medium output current synchronous
buck PWM converter with an integrated high side
MOSFET and a gate driver for an optional low side
external MOSFET. Features include a high performance
voltage error amplifier that enables maximum
performance under transient conditions and flexibility in
choosing the output filter inductors and capacitors. The
TPS54350 has an under-voltage-lockout circuit to prevent
start-up until the input voltage reaches 4.5 V; an internal
slow-start circuit to limit in-rush currents; and a power good
output to indicate valid output conditions. The
synchronization feature is configurable as either an input
or an output for easy 180° out of phase synchronization.
The TPS54350 device is available in a thermally
enhanced 16-pin TSSOP (PWP) PowerPAD package.
TI provides evaluation modules and the SWIFT Designer
software tool to aid in quickly achieving high-performance
power supply designs to meet aggressive equipment
development cycles.




Similar Part No. - TPS54350PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54350PWPRG4 TI1-TPS54350PWPRG4 Datasheet
1Mb / 34P
4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
More results


Similar Description - TPS54350PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54350 TI-TPS54350 Datasheet
437Kb / 27P
4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET(SWIFT)
TPS54550 TI-TPS54550 Datasheet
1Mb / 27P
4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT)
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350-EP TI1-TPS54350-EP Datasheet
1Mb / 36P
4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350PWPR TI-TPS54350PWPR Datasheet
876Kb / 32P
4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRANTED FET(SWIFT)
TPS54350 TI-TPS54350_15 Datasheet
1Mb / 34P
4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTERATED FET (SWIFT)
TPS54350-EP TI-TPS54350-EP_15 Datasheet
1Mb / 37P
4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54550 TI-TPS54550_15 Datasheet
1Mb / 32P
4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350 TI1-TPS54350_16 Datasheet
1Mb / 34P
4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54352 TI1-TPS54352_16 Datasheet
1Mb / 37P
4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com