Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54810 Datasheet (PDF) - Texas Instruments

TPS54810 Datasheet PDF - Texas Instruments
Part # TPS54810
Download  TPS54810 Download
File Size   976.49 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS (SWIFT™)

TPS54810 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54810 Datasheet PDF - Texas Instruments

Part # TPS54810
Download  TPS54810 Click to download

File Size   976.49 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS (SWIFT™)

TPS54810 Datasheet (HTML) - Texas Instruments


TPS54810 Product details

FEATURES
30-mΩ MOSFET Switches for High Efficiency
at 8-A Continuous Output
0.9-V to 3.3-V Adjustable Output Voltage
Range With 1% Accuracy
Externally Compensated
Fast Transient Response
Wide PWM Frequency:
Fixed 350 kHz, 550 kHz or
Adjustable 280 kHz to 700 kHz
Load Protected by Peak Current Limit and
Thermal Shutdown
Integrated Solution Reduces Board Area and
Total Cost

APPLICATIONS
Low-Voltage, High-Density Systems With
Power Distributed at 5 V
Point of Load Regulation for High
Performance DSPs, FPGAs, ASICs and
Microprocessors
Broadband, Networking, and Optical
Communications Infrastructure
Portable Computing/Notebook PCs

DESCRIPTION
As a member of the SWIFT™ family of dc/dc regulators,
the TPS54810 low-input voltage high-output current
synchronous buck PWM converter integrates all
required active components. Included on the substrate
with the listed features are a true, high performance,
voltage error amplifier that enables maximum
performance under transient conditions and flexibility in
choosing the output filter L and C components; an
under-voltage-lockout circuit to prevent start-up until
the input voltage reaches 3.8 V; an internally or
externally set slow-start circuit to limit in-rush currents;
and a power good output useful for processor/logic
reset, fault signaling, and supply sequencing.
The TPS54810 is available in a thermally enhanced
28-pin TSSOP (PWP) PowerPAD™ package, which
eliminates bulky heatsinks. TI provides evaluation
modules and the SWIFT™ designer software tool to aid
in quickly achieving high-performance power supply
designs to meet aggressive equipment development
cycles.




Similar Part No. - TPS54810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54810 TI-TPS54810 Datasheet
214Kb / 15P
4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
TPS54810 TI-TPS54810 Datasheet
71Kb / 4P
SWIFT Converter Product Portfolio
TPS54810 TI1-TPS54810 Datasheet
734Kb / 22P
4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
TPS54810PWP TI-TPS54810PWP Datasheet
214Kb / 15P
4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
TPS54810PWP TI1-TPS54810PWP Datasheet
734Kb / 22P
4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
More results


Similar Description - TPS54810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54810 TI-TPS54810 Datasheet
214Kb / 15P
4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54610-EP TI1-TPS54610-EP Datasheet
829Kb / 24P
3 V TO 6 V INPUT, 6 A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610-Q1 TI1-TPS54610-Q1 Datasheet
546Kb / 23P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610PWPR TI-TPS54610PWPR Datasheet
1,019Kb / 24P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54612MPWPREP TI-TPS54612MPWPREP Datasheet
1,012Kb / 24P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54810 TI-TPS54810_15 Datasheet
726Kb / 22P
4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS (SWIFT??
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com