Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54872 Datasheet (PDF) - Texas Instruments

TPS54872 Datasheet PDF - Texas Instruments
Part # TPS54872
Download  TPS54872 Download
File Size   741.91 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-A OUTPUT, 4-V TO 6-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs (SWIFT™)

TPS54872 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54872 Datasheet PDF - Texas Instruments

Part # TPS54872
Download  TPS54872 Click to download

File Size   741.91 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-A OUTPUT, 4-V TO 6-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs (SWIFT™)

TPS54872 Datasheet (HTML) - Texas Instruments


TPS54872 Product details

FEATURES
Tracks Externally Applied Reference Voltage
30-mΩ MOSFET Switches for High Efficiency
at 8-A Continuous Output Source or Sink
Current
6% to 90% VI Output Tracking Range
Wide PWM Frequency:
Fixed 350 kHz or Adjustable 280 kHz to
700 kHz
Load Protected by Peak Current Limit and
Thermal Shutdown
Integrated Solution Reduces Board Area and
Total Cost

APPLICATIONS
DDR Memory Termination Voltage
Active Termination of GTL and SSTL
High-Speed Logic Families
DAC Controlled High Current Output Stage
Precision Point of Load Power Supply

DESCRIPTION
As a member of the SWIFT family of dc/dc regulators,
the TPS54872 low-input voltage high-output current
synchronous-buck PWM converter integrates all
required active components. Included on the substrate
with the listed features are a true, high performance,
voltage error amplifier that enables maximum
performance under transient conditions and flexibility in
choosing the output filter L and C components; an
under-voltage-lockout circuit to prevent start-up until
the input voltage reaches 3.8 V; an internally set
slow-start circuit to limit in-rush currents; and a status
output to indicate valid operating conditions.
The TPS54872 is available in a thermally enhanced
28-pin TSSOP (PWP) PowerPAD package, which
eliminates bulky heatsinks. TI provides evaluation
modules and the SWIFT designer software tool to aid
in quickly achieving high-performance power supply
designs to meet aggressive equipment development
cycles.




Similar Part No. - TPS54872

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54872 TI-TPS54872 Datasheet
267Kb / 17P
8-A OUTPUT 4-V TO 6-V INPUT TRACKING /TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54872 TI-TPS54872 Datasheet
71Kb / 4P
SWIFT Converter Product Portfolio
TPS54872 TI1-TPS54872 Datasheet
688Kb / 22P
8-A OUTPUT, 4-V TO 6-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54872PWP TI-TPS54872PWP Datasheet
267Kb / 17P
8-A OUTPUT 4-V TO 6-V INPUT TRACKING /TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54872PWP TI1-TPS54872PWP Datasheet
688Kb / 22P
8-A OUTPUT, 4-V TO 6-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
More results


Similar Description - TPS54872

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54680 TI-TPS54680 Datasheet
228Kb / 18P
3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT) FOR SEQUENCING
TPS54872 TI-TPS54872 Datasheet
267Kb / 17P
8-A OUTPUT 4-V TO 6-V INPUT TRACKING /TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54972 TI-TPS54972 Datasheet
362Kb / 16P
9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54880 TI-TPS54880 Datasheet
461Kb / 19P
4-V TO 6-V INPUT, 8-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT) FOR SEQUENCING
TPS54680-EP TI-TPS54680-EP_15 Datasheet
1Mb / 25P
3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT?? FOR SEQUENCING
TPS54810 TI-TPS54810_15 Datasheet
726Kb / 22P
4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS (SWIFT??
TPS54880 TI-TPS54880_15 Datasheet
759Kb / 23P
4-V TO 6-V INPUT, 8-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT?? FOR SEQUENCING
TPS54872 TI1-TPS54872_16 Datasheet
688Kb / 22P
8-A OUTPUT, 4-V TO 6-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54880 TI1-TPS54880_16 Datasheet
769Kb / 23P
4-V TO 6-V INPUT, 8-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54972 TI1-TPS54972_12 Datasheet
578Kb / 19P
9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com