Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54910 Datasheet (PDF) - Texas Instruments

TPS54910 Datasheet PDF - Texas Instruments
Part # TPS54910
Download  TPS54910 Download
File Size   955.68 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT™)

TPS54910 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54910 Datasheet PDF - Texas Instruments

Part # TPS54910
Download  TPS54910 Click to download

File Size   955.68 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT™)

TPS54910 Datasheet (HTML) - Texas Instruments


TPS54910 Product details

FEATURES
15-mΩ MOSFET Switches for High Efficiency
at 9-A Continuous Output
0.9-V to 2.5-V Adjustable Output Voltage
Externally Compensated With 1% Accuracy
Fast Transient Response
Wide PWM Frequency:
Fixed 350 kHz, 550 kHz or
Adjustable 280 kHz to 700 kHz
Load Protected by Peak Current Limit and
Thermal Shutdown
Integrated Solution Reduces Board Area and
Total Cost

APPLICATIONS
Low-Voltage, High-Density Systems With
Power Distributed at 3.3 V
Point of Load Regulation for High
Performance DSPs, FPGAs, ASICs and
Microprocessors
Broadband, Networking and Optical
Communications Infrastructure
Portable Computing/Notebook PCs

DESCRIPTION
As a member of the SWIFT™ family of dc/dc regulators,
the TPS54910 low-input voltage high-output current
synchronous buck PWM converter integrates all
required active components. Included on the substrate
with the listed features are a true, high performance,
voltage error amplifier that enables maximum
performance under transient conditions and flexibility in
choosing the output filter L and C components; an
under-voltage-lockout circuit to prevent start-up until
the input voltage reaches 3 V; an internally and
externally set slow-start circuit to limit in-rush currents;
and a power good output useful for processor/logic
reset, fault signaling, and supply sequencing.
The TPS54910 is available in a thermally enhanced
28-pin TSSOP (PWP) PowerPAD™ package, which
eliminates bulky heatsinks. TI provides evaluation
modules and the SWIFT™ designer software tool to aid
in quickly achieving high-performance power supply
designs to meet aggressive equipment development
cycles.




Similar Part No. - TPS54910

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54910 TI-TPS54910 Datasheet
200Kb / 15P
3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54910 TI-TPS54910 Datasheet
71Kb / 4P
SWIFT Converter Product Portfolio
TPS54910 TI1-TPS54910 Datasheet
719Kb / 22P
3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54910PWP TI-TPS54910PWP Datasheet
200Kb / 15P
3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54910PWP TI1-TPS54910PWP Datasheet
719Kb / 22P
3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
More results


Similar Description - TPS54910

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54910 TI-TPS54910 Datasheet
200Kb / 15P
3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310-EP TI-TPS54310-EP Datasheet
751Kb / 21P
3-V TO 6-V INPUT, 3-A OUTPUT,SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT??
TPS54311-EP TI1-TPS54311-EP Datasheet
731Kb / 21P
3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54314PWPR TI-TPS54314PWPR Datasheet
747Kb / 22P
3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54314PWPR TI1-TPS54314PWPR Datasheet
747Kb / 22P
3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310 TI-TPS54310_15 Datasheet
1Mb / 28P
3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs (SWIFT??
TPS54910 TI-TPS54910_15 Datasheet
714Kb / 21P
3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54910 TI1-TPS54910_16 Datasheet
719Kb / 22P
3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com