Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54972 Datasheet (PDF) - Texas Instruments

TPS54972 Datasheet PDF - Texas Instruments
Part # TPS54972
Download  TPS54972 Download
File Size   835.43 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs (SWIFT™)

TPS54972 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54972 Datasheet PDF - Texas Instruments

Part # TPS54972
Download  TPS54972 Click to download

File Size   835.43 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs (SWIFT™)

TPS54972 Datasheet (HTML) - Texas Instruments


TPS54972 Product details

1FEATURES
• Tracks Externally Applied Reference Voltage
• 15-mΩ MOSFET Switches for High Efficiency
at 9-A Continuous Output Source or Sink
Current
• 6% to 90% V I Output Tracking Range
• Wide PWM Frequency: Fixed 350 kHz or
Adjustable 280 kHz to 700 kHz
• Load Protected by Peak Current Limit and
Thermal Shutdown
• Integrated Solution Reduces Board Area and
Total Cost

APPLICATIONS
• DDR Memory Termination Voltage
• Active Termination of GTL and SSTL
High-Speed Logic Families
• DAC Controlled High Current Output Stage
• Precision Point of Load Power Supply

DESCRIPTION
As a member of the SWIFT™ family of dc/dc
regulators, the TPS54972 low-input voltage
high-output current synchronous-buck PWM
converter integrates all required active components.
Included on the substrate with the listed features are
a true, high performance, voltage error amplifier that
enables maximum performance under transient
conditions and flexibility in choosing the output filter L
and C components; an under-voltage-lockout circuit
to prevent start-up until the input voltage reaches 3.0
V; an internally set slow-start circuit to limit in-rush
currents; and a status output to indicate valid
operating conditions.
The TPS54972 is available in a thermally enhanced 28-pin TSSOP (PWP) PowerPAD™ package, which
eliminates bulky heatsinks. TI provides evaluation
modules and the SWIFT designer software tool to aid
in quickly achieving high-performance power supply
designs to meet aggressive equipment development
cycles.




Similar Part No. - TPS54972

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54972 TI-TPS54972 Datasheet
362Kb / 16P
9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54972 TI-TPS54972 Datasheet
71Kb / 4P
SWIFT Converter Product Portfolio
TPS54972 TI1-TPS54972 Datasheet
578Kb / 19P
9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54972PWP TI-TPS54972PWP Datasheet
362Kb / 16P
9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54972PWPG4 TI1-TPS54972PWPG4 Datasheet
578Kb / 19P
9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
More results


Similar Description - TPS54972

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54910 TI-TPS54910 Datasheet
200Kb / 15P
3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54872 TI-TPS54872 Datasheet
267Kb / 17P
8-A OUTPUT 4-V TO 6-V INPUT TRACKING /TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54972 TI-TPS54972 Datasheet
362Kb / 16P
9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54910 TI-TPS54910_15 Datasheet
714Kb / 21P
3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54980 TI-TPS54980_15 Datasheet
668Kb / 21P
3-V TO 4-V INPUT,9-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTERRATED FETs(SWIFT)FOR SEQUENCING
TPS54372 TI1-TPS54372_16 Datasheet
788Kb / 21P
3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54372-Q1 TI1-TPS54372-Q1 Datasheet
334Kb / 17P
3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54872 TI1-TPS54872_16 Datasheet
688Kb / 22P
8-A OUTPUT, 4-V TO 6-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54972 TI1-TPS54972_12 Datasheet
578Kb / 19P
9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54980 TI1-TPS54980_16 Datasheet
670Kb / 22P
3-V TO 4-V INPUT,9-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTERRATED FETs(SWIFT)FOR SEQUENCING
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com