Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54980PWPR Datasheet (PDF) - Texas Instruments

TPS54980PWPR Datasheet PDF - Texas Instruments
Part # TPS54980PWPR
Download  TPS54980PWPR Download
File Size   912.87 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V TO 4-V INPUT, 9-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT™) FOR SEQUENCING

TPS54980PWPR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54980PWPR Datasheet PDF - Texas Instruments

Part # TPS54980PWPR
Download  TPS54980PWPR Click to download

File Size   912.87 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V TO 4-V INPUT, 9-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT™) FOR SEQUENCING

TPS54980PWPR Datasheet (HTML) - Texas Instruments


TPS54980PWPR Product details

FEATURES
Power Up/Down Tracking For Sequencing
15-mΩ MOSFET Switches for High Efficiency
at 9-A Continuous Output Source or Sink
Current
Wide PWM Frequency:
Fixed 350 kHz or Adjustable 280 kHz to
700 kHz
Power Good and Enable
Load Protected by Peak Current Limit and
Thermal Shutdown
Integrated Solution Reduces Board Area and
Component Count

APPLICATIONS
Low-Voltage, High-Density Distributed Power
Systems
Point of Load Regulation for High
Performance DSPs, FPGAs, ASICs and
Microprocessors Requiring Sequencing
Broadband, Networking and Optical
Communications Infrastructure

DESCRIPTION
As a member of the SWIFT family of dc/dc regulators,
the TPS54980 low-input voltage high-output current
synchronous buck PWM converter integrates all
required active components. Using the TRACKIN pin
with other regulators, simultaneous power up and down
are easily implemented. Included on the substrate with
the listed features are a true, high performance, voltage
error amplifier that enables maximum performance and
flexibility in choosing the output filter L and C
components; an under-voltage-lockout circuit to
prevent start-up until the input voltage reaches 3 V; an
internally or externally set slow-start circuit to limit
inrush currents; and a power good output useful for
processor/logic reset.
The TPS54980 is available in a thermally enhanced
28-pin TSSOP (PWP) PowerPAD package, which
eliminates bulky heatsinks. TI provides evaluation
modules and the SWIFT designer software tool to aid
in quickly achieving high-performance power supply
designs to meet aggressive equipment development
cycles.




Similar Part No. - TPS54980PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54980PWPR TI-TPS54980PWPR Datasheet
249Kb / 17P
3-V TO 4-V INPUT 9-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS FOR SEQUENCING
TPS54980PWPR TI1-TPS54980PWPR Datasheet
670Kb / 22P
3-V TO 4-V INPUT,9-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTERRATED FETs(SWIFT)FOR SEQUENCING
TPS54980PWPRG4 TI1-TPS54980PWPRG4 Datasheet
670Kb / 22P
3-V TO 4-V INPUT,9-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTERRATED FETs(SWIFT)FOR SEQUENCING
More results


Similar Description - TPS54980PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54680 TI-TPS54680 Datasheet
228Kb / 18P
3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT) FOR SEQUENCING
TPS54980 TI-TPS54980 Datasheet
249Kb / 17P
3-V TO 4-V INPUT 9-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS FOR SEQUENCING
TPS54880 TI-TPS54880 Datasheet
461Kb / 19P
4-V TO 6-V INPUT, 8-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT) FOR SEQUENCING
TPS54680-EP TI1-TPS54680-EP Datasheet
796Kb / 22P
3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT??FOR SEQUENCING
TPS54680-Q1 TI1-TPS54680-Q1 Datasheet
288Kb / 19P
3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT?? FOR SEQUENCING
TPS54380PWPG4 TI-TPS54380PWPG4 Datasheet
783Kb / 21P
3-V TO 6-V INPUT, 3-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT) FOR SEQUENCING
TPS54680 TI-TPS54680_15 Datasheet
809Kb / 24P
3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT?? FOR SEQUENCING
TPS54680-EP TI-TPS54680-EP_15 Datasheet
1Mb / 25P
3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT?? FOR SEQUENCING
TPS54980 TI-TPS54980_15 Datasheet
668Kb / 21P
3-V TO 4-V INPUT,9-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTERRATED FETs(SWIFT)FOR SEQUENCING
TPS54980 TI1-TPS54980_16 Datasheet
670Kb / 22P
3-V TO 4-V INPUT,9-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTERRATED FETs(SWIFT)FOR SEQUENCING
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com