Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS62000-HT Datasheet (PDF) - Texas Instruments

TPS62000-HT Datasheet PDF - Texas Instruments
Part # TPS62000-HT
Download  TPS62000-HT Download
File Size   610.0 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER

TPS62000-HT Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS62000-HT Datasheet PDF - Texas Instruments

Part # TPS62000-HT
Download  TPS62000-HT Click to download

File Size   610.0 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER

TPS62000-HT Datasheet (HTML) - Texas Instruments


TPS62000-HT Product details

1FEATURES
· High-Efficiency Synchronous Step-Down
Converter With Greater Than 95% Efficiency
· 2 V to 5.5 V Operating Input Voltage Range
· Adjustable Output Voltage Range From 0.8 V
to VI · Synchronizable to External Clock Signal up to
1 MHz
· Up to 300 mA Output Current
· Pin-Programmable Current Limit
· High Efficiency Over a Wide Load Current
Range in Power Save Mode
· 100% Maximum Duty Cycle for Lowest
Dropout
· Low-Noise Operation Antiringing Switch and
PFM/PWM Operation Mode
· Internal Softstart
· 50-mA Quiescent Current (TYP)
· Evaluation Module Available for Commercial
Temperature Range

APPLICATIONS
· Down-Hole Drilling
· High Temperature Environments

SUPPORTS EXTREME TEMPERATURE
APPLICATIONS
· Controlled Baseline
· One Assembly/Test Site
· One Fabrication Site
· Available in Extreme (–55°C/210°C) Temperature Range(1)
· Extended Product Life Cycle
· Extended Product-Change Notification
· Product Traceability
· Texas Instruments high temperature products
utilize highly optimized silicon (die) solutions
with design and process enhancements to
maximize performance over extended
temperatures.

DESCRIPTION
The TPS62000 device is a low-noise synchronous step-down dc-dc converter that is ideally suited for systems
powered from a 1-cell Li-ion battery or from a 2- to 3-cell NiCd, NiMH, or alkaline battery. The TPS62000
operates typically down to an input voltage of 1.8 V, with a specified minimum input voltage of 2 V.




Similar Part No. - TPS62000-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62000-HT TI-TPS62000-HT Datasheet
535Kb / 22P
HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
More results


Similar Description - TPS62000-HT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
High-Efficiency Step-Down DC-DC Converter
logo
Texas Instruments
TPS62007 TI-TPS62007 Datasheet
471Kb / 25P
HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Diodes Incorporated
AP6015 DIODES-AP6015 Datasheet
430Kb / 18P
High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
logo
Texas Instruments
TPS62000-HT TI-TPS62000-HT Datasheet
535Kb / 22P
HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Diodes Incorporated
AP6015 DIODES-AP6015_09 Datasheet
302Kb / 18P
High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
logo
Texas Instruments
TPS62000-Q1 TI1-TPS62000-Q1 Datasheet
375Kb / 23P
HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000 TI-TPS62000_15 Datasheet
1Mb / 31P
TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62000 TI1-TPS62000_16 Datasheet
1Mb / 31P
TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62000-Q1 TI1-TPS62000-Q1_16 Datasheet
953Kb / 26P
HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com