Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS60130 Datasheet (PDF) - Texas Instruments

TPS60130 Datasheet PDF - Texas Instruments
Part # TPS60130
Download  TPS60130 Download
File Size   970.68 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6020x Regulated 3.3 V, 100-mA Low-Ripple Charge Pump Low Power DC/DC Converters

TPS60130 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS60130 Datasheet PDF - Texas Instruments

Part # TPS60130
Download  TPS60130 Click to download

File Size   970.68 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6020x Regulated 3.3 V, 100-mA Low-Ripple Charge Pump Low Power DC/DC Converters

TPS60130 Datasheet (HTML) - Texas Instruments


TPS60130 Product details

1 Features
1• Regulated 3.3-V Output Voltage With up to
100-mA Output Current From a 1.8-V to 3.6-V
Input Voltage
• Less Than 5-mV (PP) Output Voltage Ripple
Achieved With Push-Pull Topology
• Integrated Low-Battery and Power-Good Detector
• Switching Frequency Can Be Synchronized to
External Clock Signal
• Extends Battery Usage With up to 90% Efficiency
and 35-μA Quiescent Supply Current
• Reliable System Shutdown Because Output
Capacitor Is Discharged When Device Is Disabled
• Easy-to-Design, Low-Cost, Low-EMI Power
Supply Since No Inductors Are Used
• 0.05-μA Shutdown Current, Battery Is Isolated
From Load in Shutdown Mode
• Compact Converter Solution in UltraSmall 10-pin
MSOP With Only Four External Capacitors
Required
• Evaluation Module Available (TPS60200EVM-145)

2 Applications
• Two Battery Cells to 3.3-V Conversion
• MP3 Portable Audio Players
• Battery-Powered Microprocessor Systems
• Backup-Battery Boost Converters
• PDAs, Organizers, and Cordless Phones
• Handheld Instrumentation
• Glucose Meters and Other Medical Instruments

3 Description
The TPS6020x step-up, regulated charge pumps
generate a 3.3-V ±4% output voltage from a 1.8-V to
3.6-V input voltage. The devices are typically
powered by two Alkaline, NiCd or NiMH battery cells
and operate down to a minimum supply voltage of
1.6 V. Continuous output current is a minimum of 100
mA for the TPS60200 and TPS60201 and 50 mA for
the TPS60202 and TPS60203, all from a 2-V input.
Only four external capacitors are needed to build a
complete low-ripple DC/DC converter. The push-pull
operating mode of two single-ended charge pumps
assures the low output voltage ripple as current is
continuously transferred to the output.




Similar Part No. - TPS60130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
513Kb / 24P
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60130 TI1-TPS60130 Datasheet
1Mb / 29P
REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI1-TPS60130 Datasheet
1,011Kb / 26P
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60130 TI2-TPS60130 Datasheet
793Kb / 28P
REGULATED 3.3 V, LOW-RIPPLE CHARGE PUMP WITH ULTRALOW OPERATING CURRENT
JUNE 2000
More results


Similar Description - TPS60130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60101 TI-TPS60101 Datasheet
330Kb / 21P
REGULATED 3.3-V 100-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60200 TI-TPS60200 Datasheet
436Kb / 20P
REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204 Datasheet
388Kb / 18P
REGULATED 3.3-V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60200 TI-TPS60200_15 Datasheet
609Kb / 24P
REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204_15 Datasheet
568Kb / 21P
REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60200 TI1-TPS60200_16 Datasheet
1Mb / 26P
TPS6020x Regulated 3.3 V, 100-mA Low-Ripple Charge Pump Low Power DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com