Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65165 Datasheet (PDF) - Texas Instruments

TPS65165 Datasheet PDF - Texas Instruments
Part # TPS65165
Download  TPS65165 Download
File Size   802.08 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels

TPS65165 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS65165 Datasheet PDF - Texas Instruments

Part # TPS65165
Download  TPS65165 Click to download

File Size   802.08 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels

TPS65165 Datasheet (HTML) - Texas Instruments


TPS65165 Product details

FEATURES
· 2.5 V to 6.0 V Input Voltage Range
· Vs Output Voltage up to 18 V
– 1%-Accurate Boost Converter With 4.5 A
Switch Current
– 600 kHz Fixed Frequency PWM Operation
– Overvoltage Protection
– Adjustable Softstart
· Regulated Positive Charge Pump Converter
VGH
· Integrated Gate Voltage Shaping of VGH
· Regulated Negative Charge-Pump Driver VGL
· Adjustable Sequencing for Vs and VGH
· 3 Integrated High-Speed Operational
Amplifiers
– 50 MHz 3 db Bandwidth
– Slew Rate 45 V/ms
– 215 mA Short Circuit Current
High Voltage Test Mode (HVS)
Thermal Shutdown
40-Pin 5´5-mm QFN Package

APPLICATIONS
· LCD Monitor
· LCD TV Panel

DESCRIPTION
The TPS65165 is a Compact LCD Bias IC with 3 high-speed operational amplifiers for gamma correction and/or
VCOM supply. The device generates all 3 voltage rails for TFT-LCD displays (Vs, VGL and VGH). The device
incorporates a high-voltage switch that can be controlled by a logic signal from the timing controller (TCON) to
provide the gate-voltage modulation for VGH. If this function is not required, the CTRL pin can be tied high.




Similar Part No. - TPS65165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65165 TI-TPS65165 Datasheet
707Kb / 26P
Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65165 TI-TPS65165 Datasheet
1Mb / 30P
Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65165 TI-TPS65165 Datasheet
1Mb / 30P
Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65165RSBR TI-TPS65165RSBR Datasheet
1Mb / 30P
Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65165RSBRG4 TI-TPS65165RSBRG4 Datasheet
1Mb / 30P
Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
More results


Similar Description - TPS65165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65161 TI-TPS65161 Datasheet
1Mb / 28P
BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160 TI-TPS65160 Datasheet
730Kb / 28P
BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65165 TI-TPS65165 Datasheet
707Kb / 26P
Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65162 TI-TPS65162 Datasheet
1Mb / 36P
Compact LCD Bias IC With High Speed Amplifiers for TV-LCD Panels
TPS65167 TI-TPS65167 Datasheet
1Mb / 37P
Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167 TI-TPS65167_07 Datasheet
1Mb / 39P
Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65161 TI-TPS65161_08 Datasheet
809Kb / 31P
BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65166 TI1-TPS65166 Datasheet
3Mb / 41P
Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65165 TI-TPS65165_12 Datasheet
1Mb / 30P
Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65165RSBR TI-TPS65165RSBR Datasheet
1Mb / 30P
Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com