Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS62050 Datasheet (PDF) - Texas Instruments

TPS62050 Datasheet PDF - Texas Instruments
Part # TPS62050
Download  TPS62050 Download
File Size   884.59 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6205x 800-mA Synchronous Step-Down Converter

TPS62050 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS62050 Datasheet PDF - Texas Instruments

Part # TPS62050
Download  TPS62050 Click to download

File Size   884.59 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6205x 800-mA Synchronous Step-Down Converter

TPS62050 Datasheet (HTML) - Texas Instruments


TPS62050 Product details

1 Features
1• High-Efficiency Synchronous Step-Down
Converter With up to 95% Efficiency
• 12-μA Quiescent Current (Typical)
• 2.7-V to 10-V Operating Input Voltage Range
• Adjustable Output Voltage Range: 0.7 V to 6 V
• Fixed Output Voltage Options Available With
1.5 V, 1.8 V, and 3.3 V
• Synchronizable to External Clock: Up to 1.2 MHz
• High-Efficiency Over a Wide Load Current Range
in Power-Save Mode
• 100% Maximum Duty Cycle for Lowest Dropout
• Low-Noise Operation in Forced Fixed-
Frequency PWM Operation Mode
• Internal Softstart
• Overtemperature and Overcurrent Protected
• Available in 10-Pin Micro-Small Outline
Package MSOP

2 Applications
• Cellular Phones
• Organizers, PDAs, and Handheld PCs
• Low-Power DSP Supplies
• Digital Cameras and Hard Disks

3 Description
The TPS6205x devices are a family of high-efficiency
synchronous step-down DC-DC converters that are
ideally suited for systems powered from a 1- or 2-cell
Li-Ion battery or from a 3- to 5-cell NiCd, NiMH, or
alkaline battery.
The TPS6205x devices are synchronous pulse width
modulation (PWM) converters with integrated N- and
P-channel power MOSFET switches. Synchronous
rectification increases efficiency and reduces external
component count. To achieve highest efficiency over
a wide load current range, the converter enters a
power-saving pulse frequency modulation (PFM)
mode at light load currents. Operating frequency is
typically 850 kHz, allowing the use of small inductor
and capacitor values. The device can be synchronized to an external clock signal in the range
of 600 kHz to 1.2 MHz. For low noise operation, the
converter can be programmed into forced-fixed
frequency in PWM mode. In shutdown mode, the
current consumption is reduced to less than 2 μA.
The TPS6205x devices are available in the 10-pin
(DGS) micro-small outline package (MSOP) and operates over a free air temperature range of –40°C
to 85°C.




Similar Part No. - TPS62050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62050 TI-TPS62050 Datasheet
432Kb / 21P
800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050 TI1-TPS62050 Datasheet
1Mb / 30P
800-mA Synchronous Step-Down Converter
TPS62050 TI-TPS62050 Datasheet
3Mb / 70P
LMX2571-EP Low-Power, High-Performance PLLatinum짰 RF Synthesizer With FSK Modulation
SNAS824 ??OCTOBER 2021
TPS62050DGS TI-TPS62050DGS Datasheet
432Kb / 21P
800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGS TI1-TPS62050DGS Datasheet
897Kb / 25P
800-mA SYNCHRONOUS STEP-DOWN CONVERTER
More results


Similar Description - TPS62050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62050 TI-TPS62050 Datasheet
432Kb / 21P
800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62050DGSR TI1-TPS62050DGSR Datasheet
897Kb / 25P
800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSRG4 TI1-TPS62050DGSRG4 Datasheet
897Kb / 25P
800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050 TI-TPS62050_15 Datasheet
999Kb / 30P
TPS6205x 800-mA Synchronous Step-Down Converter
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
Synchronous Step-Down Converter
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62050 TI1-TPS62050_17 Datasheet
1Mb / 30P
800-mA Synchronous Step-Down Converter
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
Synchronous 600 mA Step-Down DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com