Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS63010YFF Datasheet (PDF) - Texas Instruments

TPS63010YFF Datasheet PDF - Texas Instruments
Part # TPS63010YFF
Download  TPS63010YFF Download
File Size   596.43 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6301x Highly Efficient, Single Inductor Buck-Boost Converter With 2-A Switches

TPS63010YFF Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS63010YFF Datasheet PDF - Texas Instruments

Part # TPS63010YFF
Download  TPS63010YFF Click to download

File Size   596.43 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6301x Highly Efficient, Single Inductor Buck-Boost Converter With 2-A Switches

TPS63010YFF Datasheet (HTML) - Texas Instruments


TPS63010YFF Product details

1 Features
1• Up to 96% Efficiency
• 1200-mA Output Current at 3.3 V in Step-Down
Mode (VIN = 3.6 V to 5.5 V)
• Up to 800-mA Output Current at 3.3 V in Boost
Mode (VIN > 2.4 V)
• Automatic Transition Between Step-Down and
Boost Mode
• Device Quiescent Current less than 50 μA
• Input Voltage Range: 2 V to 5.5 V
• Fixed and Adjustable Output Voltage Options from
1.2 V to 5.5 V
• Power Save Mode for Improved Efficiency at Low-
Output Power
• Forced Fixed Frequency Operation and
Synchronization Possible
• Load Disconnect During Shutdown
• Output Overvoltage Protection
• Overtemperature Protection
• Available in Small 20-Pin, 2.126 mm × 1.922 mm,
DSBGA Package

2 Applications
• All Two-Cell and Three-Cell Alkaline, NiCd or
NiMH, or Single-Cell Li
Battery-Powered Products
• Portable Audio Players
• PDAs
• Cellular Phones
• Personal Medical Products
• White LEDs

3 Description
The TPS6301x devices provide a power supply
solution for products powered by either a two-cell or
three-cell alkaline, NiCd or NiMH battery, or a onecell
Li-Ion or Li-polymer battery. Output currents can
go as high as 1200 mA while using a single-cell Li-
Ion or Li-Polymer Battery, and discharge it down to
2.5 V or lower. The buck-boost converter is based on
a fixed-frequency, pulse-width-modulation (PWM)
controller using synchronous rectification to obtain
maximum efficiency. At low load currents, the
converter enters power save mode to maintain high
efficiency over a wide load current range. The power
save mode can be disabled, forcing the converter to
operate at a fixed switching frequency. The maximum
average current in the switches is limited to a typical
value of 2200 mA. The output voltage is
programmable using an external resistor divider, or is
fixed internally on the chip. The converter can be
disabled to minimize battery drain. During shutdown,
the load is disconnected from the battery. The device
is packaged in a 20-pin DSBGA package measuring
2.126 mm × 1.922 mm (YFF).




Similar Part No. - TPS63010YFF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63010YFF TI-TPS63010YFF Datasheet
686Kb / 28P
HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010YFF TI-TPS63010YFF Datasheet
707Kb / 28P
HIGHLY EFFICIENT,SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010YFF TI1-TPS63010YFF Datasheet
739Kb / 29P
HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010YFFR TI-TPS63010YFFR Datasheet
668Kb / 27P
HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010YFFR TI-TPS63010YFFR Datasheet
686Kb / 28P
HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
More results


Similar Description - TPS63010YFF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63000 TI-TPS63000 Datasheet
272Kb / 14P
HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63010 TI-TPS63010 Datasheet
668Kb / 27P
HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63000 TI-TPS63000_08 Datasheet
756Kb / 24P
HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63010 TI-TPS63010_09 Datasheet
686Kb / 28P
HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63000 TI-TPS63000_10 Datasheet
673Kb / 24P
HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63010 TI-TPS63010_10 Datasheet
707Kb / 28P
HIGHLY EFFICIENT,SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63000 TI1-TPS63000_12 Datasheet
794Kb / 24P
HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63010 TI1-TPS63010_12 Datasheet
739Kb / 29P
HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63000 TI-TPS63000_15 Datasheet
1,016Kb / 25P
TPS6300x High-Efficient Single Inductor Buck-Boost Converter With 1.8-A Switches
TPS63010 TI1-TPS63010_16 Datasheet
1Mb / 27P
Highly Efficient, Single Inductor Buck-Boost Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com