Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRE2535 Datasheet (PDF) - CRE Semiconductor Inc.

CRE2535 Datasheet PDF - CRE Semiconductor Inc.
Part # CRE2535
Download  CRE2535 Download
File Size   1155.7 Kbytes
Page   9 Pages
Manufacturer  CRE [CRE Semiconductor Inc.]
Direct Link  http://en.cresemi.com/
Logo CRE - CRE Semiconductor Inc.
Description Primary-side controlled high-precision constant voltage/constant current PWM controller

CRE2535 Datasheet (PDF)

Go To PDF Page Download Datasheet
CRE2535 Datasheet PDF - CRE Semiconductor Inc.

Part # CRE2535
Download  CRE2535 Click to download

File Size   1155.7 Kbytes
Page   9 Pages
Manufacturer  CRE [CRE Semiconductor Inc.]
Direct Link  http://en.cresemi.com/
Logo CRE - CRE Semiconductor Inc.
Description Primary-side controlled high-precision constant voltage/constant current PWM controller

CRE2535 Datasheet (HTML) - CRE Semiconductor Inc.


CRE2535 Product details

Applications:
Mobile phone/digital camera chargers
Low power adapters

Features:
Excellent EMI performance.
Constant voltage and constant current accuracy up to 5%
Primary-side control mode, eliminating the need for a TL431 and optocoupler
Discontinuous-mode flyback topology
Soft-start function
Built-in leading-edge blanking (LEB) circuit
Frequency jittering
Constant voltage and constant current control
Adjustable constant current and output power
Built-in secondary voltage sampling controller
Adjustable line loss compensation
Built-in 600V MOSFET
System stability-focused protection features
Undervoltage lockout
Cycle-by-cycle current limit
Peak current limit
Overtemperature protection
Overvoltage protection and power clamp
Lead-free SOP8/DIP8 packages




Similar Part No. - CRE2535

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRE2512 BOURNS-CRE2512 Datasheet
365Kb / 2P
CRE2512 - High Power Current Sense Chip Resistor
06/14
CRE2512-FZ-R001E-2 BOURNS-CRE2512-FZ-R001E-2 Datasheet
365Kb / 2P
CRE2512 - High Power Current Sense Chip Resistor
06/14
CRE2512-FZ-R001E-3 BOURNS-CRE2512-FZ-R001E-3 Datasheet
365Kb / 2P
CRE2512 - High Power Current Sense Chip Resistor
06/14
CRE2512-FZ-R002E-2 BOURNS-CRE2512-FZ-R002E-2 Datasheet
365Kb / 2P
CRE2512 - High Power Current Sense Chip Resistor
06/14
CRE2512-FZ-R002E-3 BOURNS-CRE2512-FZ-R002E-3 Datasheet
365Kb / 2P
CRE2512 - High Power Current Sense Chip Resistor
06/14
More results


Similar Description - CRE2535

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28720 TI-UCC28720 Datasheet
1Mb / 29P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28703DBVT TI-UCC28703DBVT Datasheet
1Mb / 31P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700-Q1 TI-UCC28700-Q1_15 Datasheet
1Mb / 38P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
ON Semiconductor
NCP1360 ONSEMI-NCP1360_16 Datasheet
373Kb / 29P
Low Power Offline Constant Current & Constant Voltage Primary Side PWM Current-Mode Controller
June, 2016 ??Rev. 3
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
FL7740 ONSEMI-FL7740_18 Datasheet
344Kb / 14P
Constant-Voltage Primary-Side-Regulation PWM Controller
February 2018 - Rev. 3
logo
List of Unclassifed Man...
CR633X ETC-CR633X Datasheet
284Kb / 10P
Primary side control high precision constant current/constant voltage PWM power switch
V3.0
logo
CHIPLINK SEMICONDUCTOR
CL1221 CHIPLINK-CL1221 Datasheet
361Kb / 6P
Primary side control high precision constant current controller
2012-11-27
CL1226 CHIPLINK-CL1226 Datasheet
363Kb / 7P
Primary side control high precision constant current controller
2013-5-22
logo
Suzhou Juyuan Microelec...
PL3536 PMICRO-PL3536 Datasheet
278Kb / 8P
High-precision constant voltage/constant current, primary side control
V1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com