Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1199 Datasheet (PDF) - Adafruit Industries

1199 Datasheet PDF - Adafruit Industries
Part # 1199
Download  1199 Download
File Size   128.83 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 10-pin IDC Socket Rainbow Breakout Cable

1199 Datasheet (PDF)

Go To PDF Page Download Datasheet
1199 Datasheet PDF - Adafruit Industries

Part # 1199
Download  1199 Click to download

File Size   128.83 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 10-pin IDC Socket Rainbow Breakout Cable

1199 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 1199

ManufacturerPart #DatasheetDescription
logo
Wera Tools
11990176 WERA-11990176 Datasheet
652Kb / 2P
8740 A HF 1 Zyklop bit socket set, with holding function, 1/4" drive, 5 pieces
02.08.2018
logo
Festo Corporation.
1199144 FESTO-1199144 Datasheet
96Kb / 1P
Motor flange
1199152 FESTO-1199152 Datasheet
64Kb / 1P
Axial kit
1/9/23
logo
PHOENIX CONTACT
1199369 PHOENIX-1199369 Datasheet
326Kb / 9P
VAL-US-277/40/30-FM - Type 1 surge protection device
logo
Belden Inc.
11994 BELDEN-11994 Datasheet
492Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
More results


Similar Description - 1199

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDC206AS1 DUBILIER-DBCIDC206AS1 Datasheet
167Kb / 1P
IDC IDC CABLE SOCKET
DBCIDC506AS1 DUBILIER-DBCIDC506AS1 Datasheet
71Kb / 1P
IDC IDC CABLE SOCKET 2mm PITCH
DBCIDCA7A26BGA1 DUBILIER-DBCIDCA7A26BGA1 Datasheet
115Kb / 1P
IDC IDC CABLE SOCKET 1.27mm
DBCIDCA3230CGB1 DUBILIER-DBCIDCA3230CGB1 Datasheet
99Kb / 1P
IDC IDC CABLE SOCKET 1.27mm
DBCIDCA7A26BGA1 DUBILIER-DBCIDCA7A26BGA1_11 Datasheet
321Kb / 2P
IDC IDC CABLE SOCKET 1.27mm
DBCIDC506AS1 DUBILIER-DBCIDC506AS1_11 Datasheet
119Kb / 1P
IDC IDC CABLE SOCKET 2mm PITCH
DBCIDC206AS1 DUBILIER-DBCIDC206AS1_11 Datasheet
216Kb / 1P
IDC IDC CABLE SOCKET
logo
Assmann Electronics Inc...
AWP2-10-7241-T ASSMANN-AWP2-10-7241-T Datasheet
69Kb / 1P
IDC Socket - 10 contact
AWP-10-7541-T ASSMANN-AWP-10-7541-T Datasheet
73Kb / 1P
IDC Socket - 10 contact
logo
Adam Technologies, Inc.
2FCS-XX-SG ADAM-TECH-2FCS-XX-SG Datasheet
81Kb / 1P
FLAT CABLE IDC SOCKET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com