Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1352 Datasheet (PDF) - Adafruit Industries

1352 Datasheet PDF - Adafruit Industries
Part # 1352
Download  1352 Download
File Size   151.48 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 4-Way 2.1mm DC Barrel Jack Splitter

1352 Datasheet (PDF)

Go To PDF Page Download Datasheet
1352 Datasheet PDF - Adafruit Industries

Part # 1352
Download  1352 Click to download

File Size   151.48 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 4-Way 2.1mm DC Barrel Jack Splitter

1352 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 1352

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1352-1 ETC2-1352-1 Datasheet
485Kb / 1P
MICRO PINS
logo
RCD COMPONENTS INC.
13520-100 RCD-13520-100 Datasheet
47Kb / 1P
PRECISION POWER WIREWOUND RESISTORS SILICONE COATED 1/2 WATT TO 50 WATT
13520-102 RCD-13520-102 Datasheet
47Kb / 1P
PRECISION POWER WIREWOUND RESISTORS SILICONE COATED 1/2 WATT TO 50 WATT
13520-1R0 RCD-13520-1R0 Datasheet
47Kb / 1P
PRECISION POWER WIREWOUND RESISTORS SILICONE COATED 1/2 WATT TO 50 WATT
13520-R005 RCD-13520-R005 Datasheet
47Kb / 1P
PRECISION POWER WIREWOUND RESISTORS SILICONE COATED 1/2 WATT TO 50 WATT
More results


Similar Description - 1352

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
HE021-4 BOWEI-HE021-4 Datasheet
63Kb / 1P
4 way 0 power Combiner/Splitter
HE021-4A BOWEI-HE021-4A Datasheet
69Kb / 1P
4 way 0 power Combiner/Splitter
HE021-4B BOWEI-HE021-4B Datasheet
65Kb / 1P
4 way 0 power Combiner/Splitter
HE021-4C BOWEI-HE021-4C Datasheet
74Kb / 1P
4 way 0 power Combiner/Splitter
HE022-4 BOWEI-HE022-4 Datasheet
75Kb / 1P
4 way 0 power Combiner/Splitter
logo
M/A-COM Technology Solu...
MAPD-010424-C20C80-V2 MA-COM-MAPD-010424-C20C80-V2 Datasheet
450Kb / 4P
2 way Splitter Transformer
logo
List of Unclassifed Man...
JR8306-1.5M ETC2-JR8306-1.5M Datasheet
232Kb / 1P
2.1mm DC Plug to 2.1mm DC Jack
logo
Pulse A Technitrol Comp...
CX4002LNL PULSE-CX4002LNL Datasheet
300Kb / 2P
SPLITTER, 2-WAY
logo
SparkFun Electronics
PRT-10287 SPARKFUN-PRT-10287 Datasheet
90Kb / 1P
DC Barrel Jack Adapter - Male
8/5/2016
PRT-10288 SPARKFUN-PRT-10288 Datasheet
88Kb / 1P
DC Barrel Jack Adapter - Female
8/5/2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com