Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC083000 Datasheet (PDF) - Texas Instruments

ADC083000 Datasheet PDF - Texas Instruments
Part # ADC083000
Download  ADC083000 Download
File Size   1029.05 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter

ADC083000 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC083000 Datasheet PDF - Texas Instruments

Part # ADC083000
Download  ADC083000 Click to download

File Size   1029.05 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter

ADC083000 Datasheet (HTML) - Texas Instruments


ADC083000 Product details

1FEATURES
2• Single +1.9V ±0.1V Operation
• Choice of SDR or DDR Output Clocking
• Serial Interface for Extended Control
• Adjustment of Input Full-Scale Range and
Offset
• Duty Cycle Corrected Sample Clock
• Test Pattern

APPLICATIONS
• Direct RF Down Conversion
• Digital Oscilloscopes
• Satellite Set-Top Boxes
• Communications Systems
• Test Instrumentation

KEY SPECIFICATIONS
• Resolution 8 Bits
• Max Conversion Rate 3 GSPS (min)
• Error Rate 10-18 (typ)
• ENOB @ 748 MHz Input 7.0 Bits (typ)
• SNR @ 748 MHz 44.5 dB (typ)
• Full Power Bandwidth 3 GHz (typ)
• Power Consumption
– Operating 1.9 W (typ)
– Power Down Mode 25 mW (typ)

DESCRIPTION
The ADC083000 is a single, low power, high
performance CMOS analog-to-digital converter that
digitizes signals to 8 bits resolution at sampling rates
up to 3.4 GSPS. Consuming a typical 1.9 Watts at 3
GSPS from a single 1.9 Volt supply, this device is
specified to have no missing codes over the full
operating temperature range. The unique folding and
interpolating architecture, the fully differential
comparator design, the innovative design of the
internal sample-and-hold amplifier and the selfAPPLICATIONS
calibration scheme enable an excellent response of
all dynamic parameters up to Nyquist, producing a
high 7.0 Effective Number Of Bits, (ENOB) with a 748
MHz input signal and a 3 GHz sample rate while
providing a 10-18 Word Error Rate. The ADC083000
achieves a 3 GSPS sampling rate by utilizing both the rising and falling edge of a 1.5 GHz input clock.
Output formatting is offset binary and the LVDS
digital outputs are compatible with IEEE 1596.3-1996,
with the exception of an adjustable common mode
voltage between 0.8V and 1.15V.
The ADC has a 1:4 demultiplexer that feeds four
LVDS buses and reduces the output data rate on each bus to a quarter of the sampling rate.
The converter typically consumes less than 25 mW in
the Power Down Mode and is available in a 128-lead,
thermally enhanced exposed pad HLQFP and
operates over the Industrial (-40°C ≤ TA ≤ +85°C)
temperature range.




Similar Part No. - ADC083000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC083000 NSC-ADC083000 Datasheet
856Kb / 33P
High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter
ADC083000 NSC-ADC083000 Datasheet
1Mb / 40P
8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000 NSC-ADC083000 Datasheet
1Mb / 40P
8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
logo
Texas Instruments
ADC083000 TI1-ADC083000 Datasheet
551Kb / 14P
selecting amplifiers, adcs, and clocks for high-performance signal paths
ADC083000 TI-ADC083000 Datasheet
885Kb / 48P
ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
More results


Similar Description - ADC083000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC083000 NSC-ADC083000 Datasheet
856Kb / 33P
High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC082500 NSC-ADC082500 Datasheet
856Kb / 33P
High Performance, Low Power, 8-Bit, 2.5 GSPS A/D Converter
ADC083000 NSC-ADC083000_08 Datasheet
1Mb / 40P
8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000 NSC-ADC083000_09 Datasheet
1Mb / 40P
8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC081000 NSC-ADC081000_09 Datasheet
595Kb / 30P
High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081500 NSC-ADC081500_09 Datasheet
1Mb / 34P
High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
logo
Texas Instruments
ADC083000CIYB TI-ADC083000CIYB Datasheet
885Kb / 48P
ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000CIYBNOPB TI-ADC083000CIYBNOPB Datasheet
960Kb / 48P
ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000 TI1-ADC083000_15 Datasheet
962Kb / 49P
8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com