Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC10065 Datasheet (PDF) - Texas Instruments

ADC10065 Datasheet PDF - Texas Instruments
Part # ADC10065
Download  ADC10065 Download
File Size   1008.0 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC10065 10-Bit 65 MSPS 3V A/D Converter

ADC10065 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC10065 Datasheet PDF - Texas Instruments

Part # ADC10065
Download  ADC10065 Click to download

File Size   1008.0 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC10065 10-Bit 65 MSPS 3V A/D Converter

ADC10065 Datasheet (HTML) - Texas Instruments


ADC10065 Product details

FEATURES
• Single +3.0V Operation
• Selectable 2 VP-P, 1.5 VP-P, or 1 VP-P Full-scale
Input
• 400 MHz −3 dB Input Bandwidth
• Low Power Consumption
• Standby Mode
• On-Chip Reference and Sample-and-Hold
Amplifier
• Offset Binary or Two’s Complement Data
Format
• Separate Adjustable Output Driver Supply to
Accommodate 2.5V and 3.3V Logic Families
• 28-pin TSSOP Package

APPLICATIONS
• Ultrasound and Imaging
• Instrumentation
• Cellular Base Stations/Communications
Receivers
• Sonar/Radar
• xDSL
• Wireless Local Loops
• Data Acquisition Systems
• DSP Front Ends

KEY SPECIFICATIONS
• Resolution 10 Bits
• Conversion Rate 65 MSPS
• Full Power Bandwidth 400 MHz
• DNL ±0.3 LSB (typ)
• SNR (fIN = 11 MHz) 59.6 dB (typ)
• SFDR (fIN = 11 MHz) −80 dB (typ)
• Power Consumption, 65 MHz 68.4 mW

DESCRIPTION
The ADC10065 is a monolithic CMOS analog-to-
digital converter capable of converting analog input
signals into 10-bit digital words at 65 Megasamples
per second (MSPS). This converter uses a
differential, pipeline architecture with digital error
correction and an on-chip sample-and-hold circuit to
provide a complete conversion solution, and to
minimize power consumption, while providing
excellent dynamic performance. A unique sample-
and-hold stage yields a full-power bandwidth of 400
MHz. Operating on a single 3.0V power supply, this
device consumes just 68.4 mW at 65 MSPS,
including the reference current. The Standby feature
reduces power consumption to just 14.1 mW.
The differential inputs provide a full scale selectable
input swing of 2.0 VP-P, 1.5 VP-P, 1.0 VP-P, with the
possibility of a single-ended input. Full use of the
differential input is recommended for optimum
performance. An internal +1.2V precision bandgap
reference is used to set the ADC full-scale range, and also allows the user to supply a buffered referenced
voltage for those applications requiring increased
accuracy. The output data format is user choice of
offset binary or two’s complement.
This device is available in the 28-lead TSSOP
package and will operate over the industrial
temperature range of −40°C to +85°C.




Similar Part No. - ADC10065

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10065 NSC-ADC10065 Datasheet
945Kb / 19P
ADC10065 10-Bit 65 MSPS 3V A/D Converter
logo
Texas Instruments
ADC10065 TI1-ADC10065 Datasheet
1Mb / 27P
10-Bit 65 MSPS 3V A/D Converter
ADC10065 TI1-ADC10065 Datasheet
1Mb / 26P
10-Bit 65 MSPS 3V A/D Converter
ADC10065 TI2-ADC10065 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
logo
National Semiconductor ...
ADC10065CIMT NSC-ADC10065CIMT Datasheet
945Kb / 19P
ADC10065 10-Bit 65 MSPS 3V A/D Converter
More results


Similar Description - ADC10065

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
12-Bit, 65 MSPS A/D Converter
1998 06
logo
Analog Devices
AD9289 AD-AD9289 Datasheet
1Mb / 16P
Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
AD9215 AD-AD9215 Datasheet
1Mb / 36P
10-Bit, 65/80/105 MSPS, 3V A/D Converter
5/03-Revision 0
AD10677 AD-AD10677 Datasheet
643Kb / 10P
16-Bit, 65 MSPS A/D Converter
12/03-Data sheet changed from REV. A to REV.B
logo
National Semiconductor ...
ADC10065 NSC-ADC10065 Datasheet
945Kb / 19P
ADC10065 10-Bit 65 MSPS 3V A/D Converter
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
Dual 10-Bit 65/80 MSPS A/D Converter
HMCAD1041-80 HITTITE-HMCAD1041-80 Datasheet
705Kb / 12P
Single 10-Bit 65/80 MSPS A/D Converter
logo
Texas Instruments
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
10-Bit 65 MSPS 3V A/D Converter
logo
Analog Devices
AD10677 AD-AD10677_15 Datasheet
625Kb / 20P
16-Bit, 65 MSPS A/D Converter
Rev. D
logo
Texas Instruments
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
10-Bit 65 MSPS 3V A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com