Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC10734 Datasheet (PDF) - Texas Instruments

ADC10734 Datasheet PDF - Texas Instruments
Part # ADC10734
Download  ADC10734 Download
File Size   1071.32 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC10731/ADC10732/ADC10734/ADC10738 10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference

ADC10734 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC10734 Datasheet PDF - Texas Instruments

Part # ADC10734
Download  ADC10734 Click to download

File Size   1071.32 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC10731/ADC10732/ADC10734/ADC10738 10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference

ADC10734 Datasheet (HTML) - Texas Instruments


ADC10734 Product details

1FEATURES
2• 0V to Analog Supply Input Range
• Serial I/O (MICROWIRE Compatible)
• Software or Hardware Power Down
• Analog Input Sample/Hold Function
• Ratiometric or Absolute Voltage Referencing
• No Zero or Full Scale Adjustment Required
• No Missing Codes Over Temperature
• TTL/CMOS Input/Output Compatible

APPLICATIONS
• Medical Instruments
• Portable and Remote Instrumentation
• Test Equipment

KEY SPECIFICATIONS
• Resolution 10 Bits Plus Sign
• Single Supply 5 V
• Power Consumption 37 mW (Max)
• In Power Down Mode 18 μW
• Conversion Time 5 μs (Max)
• Sampling Rate 74 kHz (Max)
• Band-Gap Reference 2.5V ±2% (Max)

DESCRIPTION
The ADC10731, ADC10732 and ADC10734 are
obsolete or on lifetime buy and included for
reference only.
This series of CMOS 10-bit plus sign successive
approximation A/D converters features versatile
analog input multiplexers, sample/hold and a 2.5V
band-gap reference. The 1-, 2-, 4-, or 8-channel
multiplexers can be software configured for single-
ended or differential mode of operation.
An input sample/hold is implemented by a capacitive
reference ladder and sampled-data comparator. This allows the analog input to vary during the A/D
conversion cycle.
In the differential mode, valid outputs are obtained
even when the negative inputs are greater than the
positive because of the 10-bit plus sign output data
format.
The serial I/O is configured to comply with the
MICROWIRE serial data exchange standard for easy interface to the COPS and HPC families of
controllers, and can easily interface with standard
shift registers and microprocessors.




Similar Part No. - ADC10734

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10734 NSC-ADC10734 Datasheet
1Mb / 29P
10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
logo
Texas Instruments
ADC10734 TI1-ADC10734 Datasheet
1Mb / 34P
10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC10734 TI1-ADC10734 Datasheet
1Mb / 33P
10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
logo
National Semiconductor ...
ADC10734CIMSA NSC-ADC10734CIMSA Datasheet
556Kb / 27P
10-Bit Plus Sign Serial I/O A/D Converters with Mux,
ADC10734CIMSA NSC-ADC10734CIMSA Datasheet
1Mb / 29P
10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
More results


Similar Description - ADC10734

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
ADC10731 NSC-ADC10731_06 Datasheet
1Mb / 29P
10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC10731 TI1-ADC10731_14 Datasheet
1Mb / 34P
10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC10731 TI1-ADC10731 Datasheet
1Mb / 33P
10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com